Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX1663 Datasheet(PDF) 657 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 657 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 653Page - Renesas Technology Corp H8SX1663 Datasheet HTML 654Page - Renesas Technology Corp H8SX1663 Datasheet HTML 655Page - Renesas Technology Corp H8SX1663 Datasheet HTML 656Page - Renesas Technology Corp H8SX1663 Datasheet HTML 657Page - Renesas Technology Corp H8SX1663 Datasheet HTML 658Page - Renesas Technology Corp H8SX1663 Datasheet HTML 659Page - Renesas Technology Corp H8SX1663 Datasheet HTML 660Page - Renesas Technology Corp H8SX1663 Datasheet HTML 661Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 657 / 1158 page
background image
Section 12 8-Bit Timers (TMR)
Rev.1.00 Jun. 07, 2006 Page 605 of 1102
REJ09B0294-0100
Section 12 8-Bit Timers (TMR)
This LSI has four units (unit 0 to unit 3) of an on-chip 8-bit timer module that comprise two 8-bit
counter channels, totaling eight channels. The 8-bit timer module can be used to count external
events and also be used as a multifunction timer in a variety of applications, such as generation of
counter reset, interrupt requests, and pulse output with a desired duty cycle using a compare-match
signal with two registers.
Figures 12.1 to 12.4 show block diagrams of the 8-bit timer module (unit 0 to unit 3).
This section describes unit 0 (channels 0 and 1) and unit 2 (channels 4 and 5), both of which have
the same functions. Unit2 and unit 3 can generate baud rate clock for SCI and have the same
functions.
12.1
Features
• Selection of seven clock sources
The counters can be driven by one of six internal clock signals (P
φ/2, Pφ/8, Pφ/32, Pφ/64,
P
φ/1024, or Pφ/8192) or an external clock input (only internal clock available in units 2 and 3:
P
φ, Pφ/2, Pφ/8, Pφ/32, Pφ/64, Pφ/1024, and Pφ/8192).
• Selection of three ways to clear the counters
The counters can be cleared on compare match A or B, or by an external reset signal. (This is
available only in unit 0 and unit 1.)
• Timer output control by a combination of two compare match signals
The timer output signal in each channel is controlled by a combination of two independent
compare match signals, enabling the timer to output pulses with a desired duty cycle or PWM
output.
• Cascading of two channels
Operation as a 16-bit timer is possible, using TMR_0 for the upper 8 bits and TMR_1 for the
lower 8 bits (16-bit count mode).
TMR_1 can be used to count TMR_0 compare matches (compare match count mode).
• Three interrupt sources
Compare match A, compare match B, and overflow interrupts can be requested independently.
(This is available only in unit 0 and unit 1.)
• Generation of trigger to start A/D converter conversion (available in unit 0 and unit 1 only)
• Capable of generating baud rate clock for SCI_5 and SCI_6. (This is available only in unit 2
and unit 3). For details, see section 15, Serial Communication Interface (SCI, IrDA, CRC).
• Module stop state specifiable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com