| Electronic Components Datasheet Search |
|
H8SX1663 Datasheet(PDF) 605 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 Datasheet(HTML) 605 Page - Renesas Technology Corp |
|
605 / 1158 page ![]() Section 10 16-Bit Timer Pulse Unit (TPU) Rev.1.00 Jun. 07, 2006 Page 553 of 1102 REJ09B0294-0100 (1) Example of PWM Mode Setting Procedure Figure 10.20 shows an example of the PWM mode setting procedure. Select counter clock PWM mode Select counter clearing source Select waveform output level <PWM mode> [1] [2] [3] Set TGR [4] Set PWM mode [5] Start count [6] [1] Select the counter clock with bits TPSC2 to TPSC0 in TCR. At the same time, select the input clock edge with bits CKEG1 and CKEG0 in TCR. [2] Use bits CCLR2 to CCLR0 in TCR to select the TGR to be used as the TCNT clearing source. [3] Use TIOR to designate TGR as an output compare register, and select the initial value and output value. [4] Set the cycle in TGR selected in [2], and set the duty in the other TGRs. [5] Select the PWM mode with bits MD3 to MD0 in TMDR. [6] Set the CST bit in TSTR to 1 to start the count operation. Figure 10.20 Example of PWM Mode Setting Procedure (2) Examples of PWM Mode Operation Figure 10.21 shows an example of PWM mode 1 operation. In this example, TGRA compare match is set as the TCNT clearing source, 0 is set for the TGRA initial output value and output value, and 1 is set as the TGRB output value. In this case, the value set in TGRA is used as the cycle, and the value set in TGRB register as the duty cycle. TCNT value TGRA H'0000 TIOCA Time TGRB Counter cleared by TGRA compare match Figure 10.21 Example of PWM Mode Operation (1) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |