Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA16103FPJ Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HA16103FPJ
Description  Watchdog Timer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA16103FPJ Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HA16103FPJ Datasheet HTML 4Page - Renesas Technology Corp HA16103FPJ Datasheet HTML 5Page - Renesas Technology Corp HA16103FPJ Datasheet HTML 6Page - Renesas Technology Corp HA16103FPJ Datasheet HTML 7Page - Renesas Technology Corp HA16103FPJ Datasheet HTML 8Page - Renesas Technology Corp HA16103FPJ Datasheet HTML 9Page - Renesas Technology Corp HA16103FPJ Datasheet HTML 10Page - Renesas Technology Corp HA16103FPJ Datasheet HTML 11Page - Renesas Technology Corp HA16103FPJ Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
HA16103FPJ/FPK
Rev.3.00 Jun 15, 2005 page 8 of 18
Absolute Maximum Ratings
(Ta = 25
°C)
Ratings
Item
Symbol
HA16103FPJ
HA16103FPK
Units
VCC supply voltage
VCC
40
40
V
Control pin voltage
VCONT
40
40
V
Control pin current
ICONT
20
20
mA
VOUT pin voltage
VOUT
12
12
V
Power dissipation
PT
400*
1
400*
2
mW
Operating ambient
temperature range
Topr
–40 to +85
–40 to +125
°C
Notes: 1. Value under Ta ≤ 77
°C. If Ta is greater, 8.3 mW/°C derating occurs.
2. Allowable temperature of IC junction part, Tj (max), is as shown below.
Tj (max) =
θj–a•Pc (max)+Ta
(
θj-a is thermal resistance value during mounting, and Pc (max) is the maximum value of IC power
dissipation.)
Therefore, to keep Tj (max) ≤ 125
°C, wiring density and board material must be selected according to the
board thermal conductivity ratio shown below.
Be careful that the value of Pc (max) does not exceed that PT.
40 mm
Board
0.8 t ceramic or
1.5 t epoxy
0.5
12
5
10
20
Board thermal conductivity (W/m
°C)
SOP20
using paste
containing
compound
SOP20
without compound
240
220
200
180
160
140
120
100
80
Glass epoxy board with 10% wiring density
Glass epoxy board with 30% wiring density
Ceramic board with 96% alumina coefficient
(1)
(2)
(3)
(1)
(2)
(3)


Similar Part No. - HA16103FPJ

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA16103FPJ HITACHI-HA16103FPJ Datasheet
106Kb / 21P
   Watchdog Timer
More results

Similar Description - HA16103FPJ

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA16103 HITACHI-HA16103 Datasheet
106Kb / 21P
   Watchdog Timer
logo
Axiomtek Co., Ltd.
EBOX630-850-FL AXIOMTEK-EBOX630-850-FL Datasheet
350Kb / 1P
   Watchdog Timer
logo
Toshiba Semiconductor
TA8030F TOSHIBA-TA8030F Datasheet
292Kb / 9P
   WATCHDOG TIMER
TA8030S TOSHIBA-TA8030S Datasheet
267Kb / 9P
   WATCHDOG TIMER
logo
Renesas Technology Corp
M5295AL RENESAS-M5295AL Datasheet
165Kb / 13P
   Watchdog Timer
logo
Hitachi Semiconductor
HA1835P HITACHI-HA1835P Datasheet
59Kb / 13P
   Watchdog Timer
logo
Mitsubishi Electric Sem...
M5295AL MITSUBISHI-M5295AL Datasheet
116Kb / 8P
   WATCHDOG TIMER
logo
Axiomtek Co., Ltd.
EBOX622-831-FL AXIOMTEK-EBOX622-831-FL Datasheet
327Kb / 1P
   Watchdog Timer
logo
Hitachi Metals, Ltd
HA16117F HITACHI-METALS-HA16117F Datasheet
250Kb / 31P
   CMOS Watchdog Timer
logo
Renesas Technology Corp
HA16117F RENESAS-HA16117F Datasheet
551Kb / 31P
   CMOS Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com