Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA179L00 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HA179L00
Description  3-terminal Negative Fixed Voltage Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA179L00 Datasheet(HTML) 5 Page - Renesas Technology Corp

  HA179L00 Datasheet HTML 1Page - Renesas Technology Corp HA179L00 Datasheet HTML 2Page - Renesas Technology Corp HA179L00 Datasheet HTML 3Page - Renesas Technology Corp HA179L00 Datasheet HTML 4Page - Renesas Technology Corp HA179L00 Datasheet HTML 5Page - Renesas Technology Corp HA179L00 Datasheet HTML 6Page - Renesas Technology Corp HA179L00 Datasheet HTML 7Page - Renesas Technology Corp HA179L00 Datasheet HTML 8Page - Renesas Technology Corp HA179L00 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HA179L00 Series
Rev.2.00 Oct 26, 2006 page 5 of 9
Electrical Characteristics
HA179L05P, HA179L05, HA179L05U
(VIN = –10 V, IOUT = 40 mA, 0°C ≤ Tj ≤ 125°C, CIN = 0.33 µF, CL = 0.1 µF)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
–4.8
–5.0
–5.2
Tj = 25°C
Output voltage
VOUT
–4.75
–5.25
V
VIN = –10 V,
1.0 mA
≤ IOUT ≤ 70 mA
55
150
–20 V
≤ VIN ≤ –7 V
Line regulation
∆VOLINE
45
100
mV
Tj = 25°C
–20 V
≤ VIN ≤ –8 V
16
1.0 mA
≤ IOUT ≤ 150 mA
11
60
1.0 mA
≤ IOUT ≤ 100 mA
Load regulation
∆VOLOAD
5.0
30
mV
Tj = 25°C
1.0 mA
≤ IOUT ≤ 40 mA
Quiescent current
IQ
2.0
4.0
mA
Tj = 25°C
1.5
–20 V
≤ VIN ≤ –8.0 V
Quiescent current change
∆IQ
1.0
mA
Tj = 25°C
1.0 mA
≤ IOUT ≤ 40 mA
Voltage drop
VDROP
1.3
V
Tj = 25°C
Output short circuit
current
IOS
300
mA
Tj = 25°C
HA179L06P, HA179L06, HA179L06U
(VIN = –11 V, IOUT = 40 mA, 0°C ≤ Tj ≤ 125°C, CIN = 0.33 µF, CL = 0.1 µF)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
–5.76
–6.0
–6.24
Tj = 25°C
Output voltage
VOUT
–5.70
–6.30
V
VIN = –11 V,
1.0 mA
≤ IOUT ≤ 70 mA
50
150
–21 V
≤ VIN ≤ –8.1 V
Line regulation
∆VOLINE
45
110
mV
Tj = 25°C
–21 V
≤ VIN ≤ –9.0 V
17.5
1.0 mA
≤ IOUT ≤ 150 mA
12
70
1.0 mA
≤ IOUT ≤ 100 mA
Load regulation
∆VOLOAD
5.5
35
mV
Tj = 25°C
1.0 mA
≤ IOUT ≤ 40 mA
Quiescent current
IQ
2.0
4.0
mA
Tj = 25°C
1.5
–21 V
≤ VIN ≤ –9.0 V
Quiescent current change
∆IQ
1.0
mA
Tj = 25°C
1.0 mA
≤ IOUT ≤ 40 mA
Voltage drop
VDROP
1.3
V
Tj = 25°C
Output short circuit current
IOS
300
mA
Tj = 25°C


Similar Part No. - HA179L00

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA179L00 HITACHI-HA179L00 Datasheet
55Kb / 13P
   3-terminal Negative Fixed Voltage Regulators
HA179L00P HITACHI-HA179L00P Datasheet
55Kb / 13P
   3-terminal Negative Fixed Voltage Regulators
HA179L00U HITACHI-HA179L00U Datasheet
55Kb / 13P
   3-terminal Negative Fixed Voltage Regulators
logo
Renesas Technology Corp
HA179L00 RENESAS-HA179L00_15 Datasheet
131Kb / 9P
   3-terminal Negative Fixed Voltage Regulators
More results

Similar Description - HA179L00

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA179L00 HITACHI-HA179L00 Datasheet
55Kb / 13P
   3-terminal Negative Fixed Voltage Regulators
logo
Renesas Technology Corp
HA179L00 RENESAS-HA179L00_15 Datasheet
131Kb / 9P
   3-terminal Negative Fixed Voltage Regulators
logo
Vishay Siliconix
MC79XXCT VISHAY-MC79XXCT Datasheet
74Kb / 8P
   3-Terminal Fixed Negative Voltage Regulators
11-Jun-02
logo
Motorola, Inc
MC79M00 MOTOROLA-MC79M00 Datasheet
118Kb / 8P
   THREE-TERMINAL NEGATIVE FIXED VOLTAGE REGULATORS
logo
GTM CORPORATION
G3U79XXA GTM-G3U79XXA Datasheet
196Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GJ79XXA GTM-GJ79XXA Datasheet
161Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
G3U79XX GTM-G3U79XX Datasheet
199Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GI79XXA GTM-GI79XXA Datasheet
165Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GU79XXA GTM-GU79XXA Datasheet
204Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GE79XXA GTM-GE79XXA Datasheet
170Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com