Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA178L00 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HA178L00
Description  3-terminal Fixed Voltage Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA178L00 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HA178L00 Datasheet HTML 3Page - Renesas Technology Corp HA178L00 Datasheet HTML 4Page - Renesas Technology Corp HA178L00 Datasheet HTML 5Page - Renesas Technology Corp HA178L00 Datasheet HTML 6Page - Renesas Technology Corp HA178L00 Datasheet HTML 7Page - Renesas Technology Corp HA178L00 Datasheet HTML 8Page - Renesas Technology Corp HA178L00 Datasheet HTML 9Page - Renesas Technology Corp HA178L00 Datasheet HTML 10Page - Renesas Technology Corp HA178L00 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
HA178L00 Series
REJ03D0683-0300 Rev.3.00 Oct 24, 2007
Page 7 of 15
HA178L56
(VIN = 11 V, IOUT = 40 mA, 0°C ≤ Tj ≤ 125°C, CIN = 0.33 µF, COUT = 0.1 µF)
HA178L56P
HA178L56
HA178L56PA
HA178L56A
HA178L56UA
Item
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Output voltage
VOUT
5.24
5.6
5.96
5.38
5.6
5.82
V
Tj = 25°C
50
200
50
150
7.6 V ≤ VIN ≤ 21 V
Line regulation
∆VOLINE
45
150
45
100
mV
Tj = 25°C
8.5 V ≤ VIN ≤ 21 V
17
17
1.0 mA ≤ IOUT ≤ 150 mA
11
60
11
60
1.0 mA ≤ IOUT ≤ 100 mA
Load regulation
∆VOLOAD
5.0
30
5.0
30
mV
Tj = 25°C
1.0 mA ≤ IOUT ≤ 40 mA
5.16
6.04
5.32
5.88
7.6 V ≤ VIN ≤ 21 V,
1.0 mA ≤ IOUT ≤ 40 mA
Output voltage
VOUT
5.16
6.04
5.32
5.88
V
VIN = 11 V, 1.0 mA ≤ IOUT ≤ 70 mA
Quiescent current
IQ
3.0
6.0
3.0
6.0
mA
Tj= 25°C
1.5
1.5
8.5 V ≤ VIN ≤ 2.0 V, Tj = 25°C
Quiescent current
change
∆IQ
0.2
0.1
mA
1.0 mA ≤ IOUT ≤ 40 mA, Tj = 25°C
Ripple rejection
ratio
RREJ
58
58
dB
f = 120 Hz, 8.5 V ≤ VIN < 18.5 V,
Tj = 25°C
Temperature
coefficient of output
voltage
∆VOUT/∆Tj
+0.1
+0.1
mV/°C
IOUT = 5 mA
Dropout voltage
VDROP
1.7
1.7
V
Tj = 25°C
HA178L06
(VIN = 11 V, IOUT = 40 mA, 0°C ≤ Tj ≤ 125°C, CIN = 0.33 µF, COUT = 0.1 µF)
HA178L06P
HA178L06
HA178L06PA
HA178L06A
HA178L06UA
Item
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Output voltage
VOUT
5.61
6.0
6.39
5.76
6.0
6.24
V
Tj = 25°C
50
200
50
150
8.1 V ≤ VIN ≤ 21 V
Line regulation
∆VOLINE
45
150
45
110
mV
Tj = 25°C
9.0 V ≤ VIN ≤ 21 V
17.5
17.5
1.0 mA ≤ IOUT ≤ 150 mA
12
70
12
70
1.0 mA ≤ IOUT ≤ 100 mA
Load regulation
∆VOLOAD
5.5
35
5.5
35
mV
Tj = 25°C
1.0 mA ≤ IOUT ≤ 40 mA
5.52
6.48
5.7
6.3
8.1 V ≤ VIN ≤ 21 V,
1.0 mA ≤ IOUT ≤ 40 mA
Output voltage
VOUT
5.52
6.48
5.7
6.3
V
VIN = 11 V, 1.0 mA ≤ IOUT ≤ 70 mA
Quiescent current
IQ
3.0
6.0
3.0
6.0
mA
Tj= 25°C
1.5
1.5
9.0 V ≤ VIN ≤ 20 V, Tj = 25°C
Quiescent current
change
∆IQ
0.2
0.1
mA
1.0 mA ≤ IOUT ≤ 40 mA, Tj = 25°C
Ripple rejection
ratio
RREJ
57
57
dB
f = 120 Hz, 9.0 V ≤ VIN < 19 V,
Tj = 25°C
Temperature
coefficient of output
voltage
∆VOUT/∆Tj
+0.1
+0.1
mV/°C
IOUT = 5 mA
Dropout voltage
VDROP
1.7
1.7
V
Tj = 25°C


Similar Part No. - HA178L00

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA178L00 HITACHI-HA178L00 Datasheet
72Kb / 21P
   3-terminal Fixed Voltage Regulators
HA178L00 HITACHI-HA178L00 Datasheet
90Kb / 21P
   3-terminal Fixed Voltage Regulators
HA178L00A HITACHI-HA178L00A Datasheet
72Kb / 21P
   3-terminal Fixed Voltage Regulators
HA178L00A HITACHI-HA178L00A Datasheet
82Kb / 21P
   3-terminal Fixed Voltage Regulators
HA178L00A HITACHI-HA178L00A Datasheet
90Kb / 21P
   3-terminal Fixed Voltage Regulators
More results

Similar Description - HA178L00

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA178L15 HITACHI-HA178L15 Datasheet
90Kb / 21P
   3-terminal Fixed Voltage Regulators
HA178M00 HITACHI-HA178M00 Datasheet
62Kb / 17P
   3-terminal Fixed Voltage Regulators
HA17800V HITACHI-HA17800V Datasheet
62Kb / 16P
   3-terminal Fixed Voltage Regulators
HA178L12 HITACHI-HA178L12 Datasheet
82Kb / 21P
   3-terminal Fixed Voltage Regulators
HA178L00 HITACHI-HA178L00 Datasheet
72Kb / 21P
   3-terminal Fixed Voltage Regulators
logo
Renesas Technology Corp
HA178L02 RENESAS-HA178L02 Datasheet
233Kb / 9P
   3-terminal Fixed Voltage Regulators
HA179L00 RENESAS-HA179L00 Datasheet
143Kb / 10P
   3-terminal Negative Fixed Voltage Regulators
logo
Vishay Siliconix
MC79XXCT VISHAY-MC79XXCT Datasheet
74Kb / 8P
   3-Terminal Fixed Negative Voltage Regulators
11-Jun-02
logo
List of Unclassifed Man...
PJ7800 ETC-PJ7800 Datasheet
381Kb / 9P
   3-Terminal Fixed Voltage Positive Regulators
logo
Hitachi Semiconductor
HA179L00 HITACHI-HA179L00 Datasheet
55Kb / 13P
   3-terminal Negative Fixed Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com