Electronic Components Datasheet Search |
|
M37151M6 Datasheet(PDF) 31 Page - Renesas Technology Corp |
|
M37151M6 Datasheet(HTML) 31 Page - Renesas Technology Corp |
31 / 138 page M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP Rev.1.00 Nov 01, 2002 page 31 of 136 REJ03B0129-0100Z 8.6.2 I2C Address Register The I2C address register (address 00F716) consists of a 7-bit slave address and a read/write bit. In the addressing mode, the slave ad- dress written in this register is compared with the address data to be received immediately after the START condition is detected. (1) Bit 0: read/write bit (RBW) Not used when comparing addresses in the 7-bit addressing mode. In the 10-bit addressing mode, the first address data to be received is compared with the contents (SAD6 to SAD0 + RBW) of the I2C address register. The RBW bit is cleared to “0” automatically when the stop condition is detected. (2) Bits 1 to 7: slave address (SAD0–SAD6) These bits store slave addresses. Regardless of the 7-bit address- ing mode and the 10-bit addressing mode, the address data trans- mitted from the master is compared with the contents of these bits. Fig. 8.6.3 I2C Address Register b7 b6 b5 b4 b3 b2 b1 b0 0 BName Functions After reset RW Read/write bit (RBW) 1 to 7 Slave address (SAD0 to SAD6) <Only in 10-bit addressing (in slave) mode> The last significant bit of address data is compared. 0: Wait the first byte of slave address after START condition (read state) 1: Wait the first byte of slave address after RESTART condition (write state) <In both modes> The address data is compared. I2C Address Register I2C address register (S0D) [Address 00F716] 0 0 R— RW |
Similar Part No. - M37151M6 |
|
Similar Description - M37151M6 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |