Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37151M6 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # M37151M6
Description  SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151M6 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button M37151M6 Datasheet HTML 19Page - Renesas Technology Corp M37151M6 Datasheet HTML 20Page - Renesas Technology Corp M37151M6 Datasheet HTML 21Page - Renesas Technology Corp M37151M6 Datasheet HTML 22Page - Renesas Technology Corp M37151M6 Datasheet HTML 23Page - Renesas Technology Corp M37151M6 Datasheet HTML 24Page - Renesas Technology Corp M37151M6 Datasheet HTML 25Page - Renesas Technology Corp M37151M6 Datasheet HTML 26Page - Renesas Technology Corp M37151M6 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 138 page
background image
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
Rev.1.00
Nov 01, 2002
page 23 of 136
REJ03B0129-0100Z
Fig. 8.4.2 Timer Mode Register 2
b6 b5 b4 b3 b2 b1 b0
Timer mode register 2 (TM2) [Address 00F516]
B
After reset RW
0
Name
Functions
Timer 3 count source
selection bit (TM20)
0
RW
1, 4 Timer 4 count source
selection bits
(TM21, TM24)
0R W
2
3
0
Timer 3 count
stop bit (TM22)
0: Count start
1: Count stop
Timer 4 count stop bit
(TM23)
0: Count start
1: Count stop
0
0
5
Timer 5 count stop bit
(TM25)
0: Count start
1: Count stop
0
6
Timer 6 count stop bit
(TM26)
0: Count start
1: Count stop
0
RW
RW
RW
RW
RW
7
Timer 5 count source
selection bit 1
(TM27)
0: f(XIN)/16 or f(XCIN)/16 (See note)
1: Count source selected by bit 6
of TM1
b0
0
0 : f(XIN)/16 or f(XCIN)/16 (See note)
1
0 : f(XCIN)
01 :
11 :
(b6 at address 00C7 16)
External clock from TIM3 pin
b4 b1
0
0 : Timer 3 overflow signal
0
1 : f(XIN)/16 or f(XCIN)/16 (See note)
1
0 : f(XIN)/2 or f(XCIN)/2 (See note)
1
1 : f(XCIN)
Note: Either f(XIN) or f(XCIN) is selected by bit 7 of the CPU mode register.
b7
Timer Mode Register 2
Fig. 8.4.1 Timer Mode Register 1
b7 b6 b5 b4 b3 b2 b1 b0
Timer mode register 1 (TM1) [Address 00F4 16]
B
After reset
W
Timer Mode Register 1
0
1
2
3
4
Name
Functions
Timer 1 count source
selection bit 1 (TM10)
0: f(XIN)/16 or f(XCIN)/16 (See note)
1: Count source selected by bit 5 of TM1
Timer 2 count source
selection bit 1 (TM11)
0: Count source selected by bit 4 of TM1
1: External clock from TIM2 pin
Timer 1 count
stop bit (TM12)
0: Count start
1: Count stop
Timer 2 count stop
bit (TM13)
0: Count start
1: Count stop
Timer 2 count source
selection bit 2
(TM14)
R
0
0
0
0
0
W
R
W
R
W
R
W
R
W
R
0: f(XIN)/16 or f(XCIN)/16 (See note)
1: Timer 1 overflow
5
Timer 1 count source
selection bit 2 (TM15)
0: f(XIN)/4096 or f(XCIN)/4096 (See note)
1: External clock from TIM2 pin
0W
R
6
Timer 5 count source
selection bit 2 (TM16)
0: Timer 2 overflow
1: Timer 4 overflow
0W
R
7
Timer 6 internal count
source selection bit
(TM17)
0W
R
0: f(XIN)/16 or f(XCIN)/16 (See note)
1: Timer 5 overflow
Note: Either f(XIN) or f(XCIN) is selected by bit 7 of the CPU mode register.


Similar Part No. - M37151M6

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37151M6-XXXFP RENESAS-M37151M6-XXXFP Datasheet
1Mb / 139P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - M37151M6

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37150M6 RENESAS-M37150M6 Datasheet
1Mb / 141P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M306H5MG-XXXFP RENESAS-M306H5MG-XXXFP Datasheet
2Mb / 324P
   SNGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA ACQUISITION CONTROLLER
M37225M6 RENESAS-M37225M6_15 Datasheet
1Mb / 128P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37225M6 RENESAS-M37225M6 Datasheet
1Mb / 126P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com