Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37151M6 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # M37151M6
Description  SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151M6 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button M37151M6 Datasheet HTML 11Page - Renesas Technology Corp M37151M6 Datasheet HTML 12Page - Renesas Technology Corp M37151M6 Datasheet HTML 13Page - Renesas Technology Corp M37151M6 Datasheet HTML 14Page - Renesas Technology Corp M37151M6 Datasheet HTML 15Page - Renesas Technology Corp M37151M6 Datasheet HTML 16Page - Renesas Technology Corp M37151M6 Datasheet HTML 17Page - Renesas Technology Corp M37151M6 Datasheet HTML 18Page - Renesas Technology Corp M37151M6 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 138 page
background image
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
Rev.1.00
Nov 01, 2002
page 15 of 136
REJ03B0129-0100Z
Fig. 8.2.4 Memory Map of Special Function Register 2 (SFR2)
sSFR2 Area (addresses 20016 to 20F16)
b7
b0 b7
b0
20016
20116
20216
20316
20416
20616
20516
20716
20816
20916
20B16
20C16
20D16
20E16
20A16
20F16
210
211
212
PWM2 register (PWM2)
PWM4 register (PWM4)
PWM0 register (PWM0)
PWM1 register (PWM1)
PWM3 register (PWM3)
Clock frequency set register (CFS)
PWM mode register 2 (PM2)
ROM correction address 1 (low-order)
ROM correction enable register (RCR)
PWM mode register 1 (PM1)
ROM correction address 2 (high-order)
ROM correction address 1 (high-order)
ROM correction address 2 (low-order)
Clock control register 2(CC2)
Clock control register 3(CC3)
: “0” immediately after reset
: Indeterminate immediately
after reset
0
1
?
<State immediately after reset>
: “1” immediately after reset
: Fix this bit to “0”
(do not write “1”)
:
<Bit allocation>
Function bit
: No function bit
: Fix this bit to “1”
(do not write “0”)
Name
:
1
0
Address
Register
Bit allocation
State immediately after reset
0
0
0
0016
0016
0016
0016
0016
0
0
0
0
1
1
1
0
?
?
?
?
0
?
?
0
0016
?
PM13
PM10
RC0
CC35
0016
PM23
PM20
PM24
PM21
PM22
RC1
0
1
0
0
0
1
0
0
CC37
0016
0016
0016
?
?
?
?
?
?
?
0
0
0
0
0
0
?


Similar Part No. - M37151M6

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37151M6-XXXFP RENESAS-M37151M6-XXXFP Datasheet
1Mb / 139P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - M37151M6

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37150M6 RENESAS-M37150M6 Datasheet
1Mb / 141P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M306H5MG-XXXFP RENESAS-M306H5MG-XXXFP Datasheet
2Mb / 324P
   SNGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA ACQUISITION CONTROLLER
M37225M6 RENESAS-M37225M6_15 Datasheet
1Mb / 128P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37225M6 RENESAS-M37225M6 Datasheet
1Mb / 126P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com