Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37151M6 Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # M37151M6
Description  SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151M6 Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button M37151M6 Datasheet HTML 93Page - Renesas Technology Corp M37151M6 Datasheet HTML 94Page - Renesas Technology Corp M37151M6 Datasheet HTML 95Page - Renesas Technology Corp M37151M6 Datasheet HTML 96Page - Renesas Technology Corp M37151M6 Datasheet HTML 97Page - Renesas Technology Corp M37151M6 Datasheet HTML 98Page - Renesas Technology Corp M37151M6 Datasheet HTML 99Page - Renesas Technology Corp M37151M6 Datasheet HTML 100Page - Renesas Technology Corp M37151M6 Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 138 page
background image
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
Rev.1.00
Nov 01, 2002
page 97 of 136
REJ03B0129-0100Z
8.15 OSD CLOCK GENERATING CIRCUIT
When generate OSD clock based on main clock, connect capacity to
FILT pin.
Set bit 0 of the clock control register 1 (address 00CD16) to operate
OSD clock generating circuit “0.” Clock control register 1 (address
00CD16) is shown in Fig.8.15.3. Then, clock frequency for OSD is set
up by the clock frequency register (address 021016).
Clock frequency setting register is shown in Fig.8.15.2.
Fig.8.15.1 Display Oscillation Circuit
FLIT
C1
Table.8.15.1 OSD Clock frequency
Clock frequency
setting register
(address 021016)
OSD clock
frequency
0C
0D
26 MHz
28 MHz
In order to generate normally oscillation frequency for OSD shown in
Table 8.15.1, be sure to set the main clock f (XIN) to 8MHz. Then, set
up not any values other than these.
Fig.8.15.3 Clock Control Register 1
Clock control register 1
Clock control register 1 (CC1) [Address 00CD16]
b7 b6 b5 b4 b3 b2 b1 b0
0
0
000
0
0
0
0
0
System clock generating
circuit control bit (CC10)
0: Operation
1: Stop
Fix these bits to "0"
1 to
7
Name
BFunctions
After reset R W
R W
R W
Fig.8.15.2 Clock Frequency Register
Clock frequency set register(CFS) [Address 021016]
Clock frequency set register
0 to
7
b7 b6 b5 b4 b3 b2 b1 b0
Clock frequency bit
(CFS 0 to 7)
0E
Clock frequency (Note)
Setting value(Limitation)
Frequency(MHz)
0C
26
0D
28
Name
BFunctions
After reset R W
R W
Note: Do not set other than the values shown above to CFS.
Then, must to use at f(XIN) = 8 MHz.


Similar Part No. - M37151M6

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37151M6-XXXFP RENESAS-M37151M6-XXXFP Datasheet
1Mb / 139P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - M37151M6

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37150M6 RENESAS-M37150M6 Datasheet
1Mb / 141P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M306H5MG-XXXFP RENESAS-M306H5MG-XXXFP Datasheet
2Mb / 324P
   SNGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA ACQUISITION CONTROLLER
M37225M6 RENESAS-M37225M6_15 Datasheet
1Mb / 128P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37225M6 RENESAS-M37225M6 Datasheet
1Mb / 126P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com