Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37151M6 Datasheet(PDF) 93 Page - Renesas Technology Corp

Part # M37151M6
Description  SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151M6 Datasheet(HTML) 93 Page - Renesas Technology Corp

Back Button M37151M6 Datasheet HTML 89Page - Renesas Technology Corp M37151M6 Datasheet HTML 90Page - Renesas Technology Corp M37151M6 Datasheet HTML 91Page - Renesas Technology Corp M37151M6 Datasheet HTML 92Page - Renesas Technology Corp M37151M6 Datasheet HTML 93Page - Renesas Technology Corp M37151M6 Datasheet HTML 94Page - Renesas Technology Corp M37151M6 Datasheet HTML 95Page - Renesas Technology Corp M37151M6 Datasheet HTML 96Page - Renesas Technology Corp M37151M6 Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 138 page
background image
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
Rev.1.00
Nov 01, 2002
page 93 of 136
REJ03B0129-0100Z
8.14 CLOCK GENERATING CIRCUIT
This microcomputer has 2 built-in oscillation circuits. An oscillation
circuit can be formed by connecting a resonator between XIN and
XOUT (XCIN and XCOUT). Use the circuit constants in accordance with
the resonator manufacturer’s recommended values. No external re-
sistor is needed between XIN and XOUT since a feed-back resistor
exists on-chip. However, an external feed-back resistor is needed
between XCIN and XCOUT. When using XCIN-XCOUT as sub-clock,
clear bits 5 and 6 of the OSD control register to “0.” To supply a clock
signal externally, input it to the XIN (XCIN) pin and make the XOUT
(XCOUT) pin open. When not using XCIN clock, connect the XCIN to
VSS and make the XCOUT pin open.
The OSD clock can be chosen to be the data slicer clock (approx. 26
MHz) that is output from the data slicer.
After reset has completed, the internal clock
φ is half the frequency of
XIN. Immediately after poweron, both the XIN and XCIN clock start
oscillating. To set the internal clock
φ to low-speed operation mode,
set bit 7 of the CPU mode register to “1.”
8.14.1 OSCILLATION CONTROL
(1) Stop Mode
The built-in clock generating circuit is shown in Figure 120. When the
STP instruction is executed, the internal clock f stops at HIGH. At the
same time, timers 3 and 4 are connected by hardware and “FF16” is
set in timer 3 and “0716” is set in timer 4. Select f(XIN)/16 or f(XCIN)/
16 as the timer 3 count source (set both bit 0 of timer mode register
2 and bit 6 at address 00C716 to “0” before the execution of the STP
instruction). Moreover, set the timer 3 and timer 4 interrupt enable
bits to disabled (“0”) before execution of the STP instruction. The
oscillator restarts when an external interrupt is accepted. However,
the internal clock f keeps its HIGH level until timer 4 overflows, allow-
ing time for oscillation stabilization when a ceramic resonator or a
quartz-crystal oscillator is used.
By settimg bit 7 of timer return setting register (address 00CC16) to
“1, ” an arbitrarary value can be set to timer 3 and timer 4.
Bit 7 of clock control register 3 (address 020216) can switch Port P10
pin and the CLKCONT. When CLKCONT pin is selected, “H” is output
normally. When an extenal interrupt is recieved in the STP state, the
CLKCONT pin goes back to “H” output.
(2) Wait Mode
When the WIT instruction is executed, the internal clock
φ stops in
the HIGH level but the oscillator continues running. This wait state is
released at reset or when an interrupt is accepted (See note). Since
the oscillator does not stop, the next instruction can be executed
immediately.
Note: In the wait mode, the following interrupts are invalid.
• VSYNC interrupt
• OSD interrupt
• All timer interrupts using external clock input from port pin as count
source
• All timer interrupts using f(XIN)/2 or f(XCIN)/2 as count source
• All timer interrupts using f(XIN)/4096 or f(XCIN)/4096 as count source
• f(XIN)/4096 interrupt
• Multi-master I2C-BUS interface interrupt
• Data slicer interrupt
• A-D conversion interrupt
(3) Low-speed Mode
If the internal clock is generated from the sub-clock (XCIN), a low
power consumption operation can be realized by stopping only the
main clock XIN. To stop the main clock, set bit 6 (CM6) of the CPU
mode register (00FB16) to “1.” When the main clock XIN is restarted,
the program must allow enough time for oscillation to stabilize.
Note that in the low-power-consumption mode the XCIN-XCOUT
drivability can be reduced, allowing even lower power consumption.
To reduce the XCIN-XCOUT drivability, clear bit 5 (CM5) of the CPU
mode register (00FB16) to “0.” At reset, this bit is set to “1” and strong
drivability is selected to help the oscillation to start. When executing
an STP instruction, set this bit to “1” by software before initiating the
instruction.
Fig.8.14.1 Ceramic Resonator Circuit Example
Fig.8.14.2 External Clock Input Circuit Example
XCIN
XIN
CCIN
Microcomputer
XCOUT
Rf
Rd
CCOUT
XOUT
CIN
COUT
C1
0.01µF
FILT
XCIN
Microcomputer
External oscillation
circuit or external
pulse
XCOUT XIN
XOUT
Open
Open
External oscillation
circuit
Vcc
Vss
Vcc
Vss


Similar Part No. - M37151M6

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37151M6-XXXFP RENESAS-M37151M6-XXXFP Datasheet
1Mb / 139P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - M37151M6

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37150M6 RENESAS-M37150M6 Datasheet
1Mb / 141P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M306H5MG-XXXFP RENESAS-M306H5MG-XXXFP Datasheet
2Mb / 324P
   SNGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA ACQUISITION CONTROLLER
M37225M6 RENESAS-M37225M6_15 Datasheet
1Mb / 128P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37225M6 RENESAS-M37225M6 Datasheet
1Mb / 126P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com