Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37151M6 Datasheet(PDF) 88 Page - Renesas Technology Corp

Part # M37151M6
Description  SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151M6 Datasheet(HTML) 88 Page - Renesas Technology Corp

Back Button M37151M6 Datasheet HTML 84Page - Renesas Technology Corp M37151M6 Datasheet HTML 85Page - Renesas Technology Corp M37151M6 Datasheet HTML 86Page - Renesas Technology Corp M37151M6 Datasheet HTML 87Page - Renesas Technology Corp M37151M6 Datasheet HTML 88Page - Renesas Technology Corp M37151M6 Datasheet HTML 89Page - Renesas Technology Corp M37151M6 Datasheet HTML 90Page - Renesas Technology Corp M37151M6 Datasheet HTML 91Page - Renesas Technology Corp M37151M6 Datasheet HTML 92Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 138 page
background image
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
Rev.1.00
Nov 01, 2002
page 88 of 136
REJ03B0129-0100Z
8.11.13 OSD Output Pin Control
The OSD output pins R, G, B and OUT can also function as ports
P52–P55. Set the corresponding bit of the OSD port control register
(address 00CB16) to “0” to specify these pins as OSD output pins, or
to “1” to specify as the general-purpose port P5.
The input polarity of the HSYNC and VSYNC, and the output polarity of
signals R, G, B, OUT can be specified with the I/O polarity control
register (address 00D8). Set bits to “0” to specify positive polarity;
“1” to specify negative polarity (refer to Figure 8.11.14).
The structure of the OSD port control register is shown in Figure
8.11.29.
Fig. 8.11.29 OSD Port Control Register
1
b7 b6 b5 b4 b3 b2 b1 b0
OSD port control register (PF) [Address 00CB16]
B
Name
Functions
After reset
R W
OSD Port Control Register
0
2
0
3
0 : G signal output
1 : Port P53 output
0
0
Fix these bits to “0.”
Fix this bit to “1.”
Fix this bit to “0.”
R —
R W
R W
R W
W
0, 1
Port P53 output signal
selection bit (PF3)
4
0 : R signal output
1 : Port P54 output
0
R W
Port P54 output signal
selection bit (PF4)
0R W
0 : B signal output
1 : Port P52 output
Port P52 output signal
selection bit (PF2)
5
0 : OUT signal output
1 : Port P55 output
Port P55 output signal
selection bit (PF5)
7
0
0
Indeterminate —
6
0


Similar Part No. - M37151M6

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37151M6-XXXFP RENESAS-M37151M6-XXXFP Datasheet
1Mb / 139P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - M37151M6

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
CMOS 8-bit Single Chip Microcomputer
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
CMOS 8-bit Single Chip Microcomputer
logo
Renesas Technology Corp
M37150M6 RENESAS-M37150M6 Datasheet
1Mb / 141P
SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M306H5MG-XXXFP RENESAS-M306H5MG-XXXFP Datasheet
2Mb / 324P
SNGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA ACQUISITION CONTROLLER
M37225M6 RENESAS-M37225M6 Datasheet
1Mb / 126P
SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37225M6 RENESAS-M37225M6_15 Datasheet
1Mb / 128P
SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com