Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37151M6 Datasheet(PDF) 78 Page - Renesas Technology Corp

Part # M37151M6
Description  SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151M6 Datasheet(HTML) 78 Page - Renesas Technology Corp

Back Button M37151M6 Datasheet HTML 74Page - Renesas Technology Corp M37151M6 Datasheet HTML 75Page - Renesas Technology Corp M37151M6 Datasheet HTML 76Page - Renesas Technology Corp M37151M6 Datasheet HTML 77Page - Renesas Technology Corp M37151M6 Datasheet HTML 78Page - Renesas Technology Corp M37151M6 Datasheet HTML 79Page - Renesas Technology Corp M37151M6 Datasheet HTML 80Page - Renesas Technology Corp M37151M6 Datasheet HTML 81Page - Renesas Technology Corp M37151M6 Datasheet HTML 82Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 138 page
background image
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
Rev.1.00
Nov 01, 2002
page 78 of 136
REJ03B0129-0100Z
8.11.8 OUT signal
The OUT signal is used to control the luminance of the video sig-
nal. The output waveform of the OUT signal is controlled by RA3 of
the OSD RAM. The setting values for controlling OUT and the cor-
responding output waveform are shown in Figure 8.11.18.
Fig. 8.11.18 Setting Value for Controlling OUT and Corresponding Output Waveform
Display
Mode
A
A'
0
1
Block Control
Register i
C
OSD
C
1
0
1
0
1
0
1
0
OUT Output
Control Bit (b5)
OUT control
(RA3 of OSD RAM)
OUT=FONT/BORDER
0
1
Vcc
About 0.6Vcc
0V
Vcc
0V
Vcc
0V
Vcc
0V
Vcc
About 0.6Vcc
0V
Vcc
0V
Vcc
0V
Vcc
0V
OUT=AREA
OUT=FONT/BORDER
OUT=FONT/BORDER
OUT=AREA
OUT=FONT
OUT=FONT
OUT=FONT
Notes 1: FONT/BORDER.....In the OSD mode (Border ON), OUT outputs to the area of font and border.
In the OSD mode (Border OFF), OUT outputs to only the font area.
AREA.....................OUT outputs to entire display area of character.
FONT.....................In the CC mode, OUT outputs to font area.
2: When the automatic solid space function is OFF in the CC mode, AREA outputs according to bit 3 of color code.
When it is ON, the solid space is automatically output by a character code regardless of RA3.
3: The OUT signal's three-level outputs are useful only during positive polarity output.
4: For three-level OUT signal outputs, set Port P3 Direction Register (address 00C716) bit 2 to 1.
5: For three-level OUT signal outputs, set about 2 k
Ω resistor between OUT pin and VSS.
Output Waveform (A-A')


Similar Part No. - M37151M6

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37151M6-XXXFP RENESAS-M37151M6-XXXFP Datasheet
1Mb / 139P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - M37151M6

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37150M6 RENESAS-M37150M6 Datasheet
1Mb / 141P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M306H5MG-XXXFP RENESAS-M306H5MG-XXXFP Datasheet
2Mb / 324P
   SNGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA ACQUISITION CONTROLLER
M37225M6 RENESAS-M37225M6_15 Datasheet
1Mb / 128P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37225M6 RENESAS-M37225M6 Datasheet
1Mb / 126P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com