Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37151M6 Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # M37151M6
Description  SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151M6 Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button M37151M6 Datasheet HTML 70Page - Renesas Technology Corp M37151M6 Datasheet HTML 71Page - Renesas Technology Corp M37151M6 Datasheet HTML 72Page - Renesas Technology Corp M37151M6 Datasheet HTML 73Page - Renesas Technology Corp M37151M6 Datasheet HTML 74Page - Renesas Technology Corp M37151M6 Datasheet HTML 75Page - Renesas Technology Corp M37151M6 Datasheet HTML 76Page - Renesas Technology Corp M37151M6 Datasheet HTML 77Page - Renesas Technology Corp M37151M6 Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 138 page
background image
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
Rev.1.00
Nov 01, 2002
page 74 of 136
REJ03B0129-0100Z
Notes 1 : The 80-byte addresses corresponding to the character code “7F16
and “8016” in the OSD ROM are the test data storing area. Set data
to the area as follows.
<Test data storing area>
addresses 1100016 + (4 + 2n) ✕ 10016 + FE16 to
1100016 + (5 + 2n) ✕ 10016 + 0116
(n = 0 to 19)
(1)Mask version (M37151M6/M8/MA/MC/MF-XXXFP)
Set “FF16” to the area (This sample has test data in this area but the actual
product will have different data.) When using our font editor, the test data is
written automatically.
(2)EPROM version (M37151EFFP)
Set the test data to the area. When using our font editor, the test data
is written automatically.
1150016 (9016), 1150116 (A116)
1170016 (0016), 1170116 (A216)
1190016 (4816), 1190116 (A316)
11B0016 (0016), 11B0116 (A416)
11D0016 (2416), 11D0116 (A516)
11F0016 (0016), 11F0116 (A616)
1210016 (1216), 1210116 (A716)
1230016 (0016), 1230116 (A816)
1250016 (0916), 1250116 (A916)
1270016 (0016), 1270116 (AA16)
1290016 (8116), 1290116 (AB16)
12B0016 (1816), 12B0116 (AC16)
12D0016 (0016), 12D0116 (AD16)
12F0016 (4216), 12F0116 (AE16)
1310016 (2416), 1310116 (AF16)
1330016 (0016), 1330116 (B016)
1350016 (8116), 1350116 (B116)
1370016 (0C16), 1370116 (B216)
1390016 (0616), 1390116 (B316)
13B0016 (0016), 13B0116 (B416)
2 : The character code “0916” is used for “transparent space” when
displaying Closed Caption.
Therefore, set “0016” to the 40-byte addresses corresponding to the
character code “0916.”
<Transparent space font data storing area>
addresses 1100016 + (4 + 2n) ✕ 10016 + 1216 to
1100016 + (4 + 2n) ✕ 10016 + 1316
(n = 0 to 19)
addresses 1141216 and 1141316
addresses 1161216 and 1161316
addresses 1381216 and 1381316
addresses 13A1216 and 13A1316
114FE16 (0916), 114FF16 (5116)
116FE16 (0016), 116FF16 (5216)
118FE16 (1216), 118FF16 (5316)
11AFE16 (0016), 11AFF16 (5416)
11CFE16 (2416), 11CFF16 (5516)
11EFE16 (0016), 11EFF16 (5616)
120FE16 (8816), 120FF16 (5716)
122FE16 (0016), 122FF16 (5816)
124FE16 (9016), 124FF16 (5916)
126FE16 (4816), 126FF16 (5A16)
128FE16 (2416), 128FF16 (5B16)
12AFE16 (0016), 12AFF16 (5C16)
12CFE16 (2416), 12CFF16 (5D16)
12EFE16 (4816), 12EFF16 (5E16)
130FE16 (0016), 130FF16 (5F16)
132FE16 (4816), 132FF16 (5016)
134FE16 (9016), 134FF16 (5116)
136FE16 (0016), 136FF16 (5216)
138FE16 (0116), 138FF16 (5316)
13AFE16 (8016), 13AFF16 (5416)
<“7F16”> address (test data)
sM37151EFFP
<“8016”> address (test data)


Similar Part No. - M37151M6

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37151M6-XXXFP RENESAS-M37151M6-XXXFP Datasheet
1Mb / 139P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - M37151M6

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37150M6 RENESAS-M37150M6 Datasheet
1Mb / 141P
SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M306H5MG-XXXFP RENESAS-M306H5MG-XXXFP Datasheet
2Mb / 324P
SNGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA ACQUISITION CONTROLLER
M37225M6 RENESAS-M37225M6_15 Datasheet
1Mb / 128P
SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37225M6 RENESAS-M37225M6 Datasheet
1Mb / 126P
SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com