Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37151M6 Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # M37151M6
Description  SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151M6 Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button M37151M6 Datasheet HTML 67Page - Renesas Technology Corp M37151M6 Datasheet HTML 68Page - Renesas Technology Corp M37151M6 Datasheet HTML 69Page - Renesas Technology Corp M37151M6 Datasheet HTML 70Page - Renesas Technology Corp M37151M6 Datasheet HTML 71Page - Renesas Technology Corp M37151M6 Datasheet HTML 72Page - Renesas Technology Corp M37151M6 Datasheet HTML 73Page - Renesas Technology Corp M37151M6 Datasheet HTML 74Page - Renesas Technology Corp M37151M6 Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 138 page
background image
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
Rev.1.00
Nov 01, 2002
page 71 of 136
REJ03B0129-0100Z
8.11.4 Field Determination Display
When displaying a block with vertical dot size of 1/2H, the differ-
ences in the synchronizing signal waveform of the interlacing system
determine whether the field is odd or even. The dot lines 0 and 1
(refer to Figure 8.11.15), corresponding to each field, are displayed
alternately.
In the following, the field determination standard for the case where
both the horizontal sync signal and the vertical sync signal are nega-
tive-polarity inputs will be explained. A field determination is deter-
mined by detecting the time from a falling edge of the horizontal sync
signal until a falling edge of the VSYNC control signal (refer to Figure
8.11.6) in the microcomputer and then comparing this time with the
time of the previous field. When the time is longer than the previous
time, it is regarded as an even field. When the time is shorter, it is
regarded as an odd field
The contents of this field can be read out by the field determination
flag (bit 6 of the I/O polarity control register at address 00D816). A dot
line is specified by bit 5 of the I/O polarity control register (refer to
Figure 8.11.15).
However, the field determination flag read out from the CPU is fixed
to “0” for even fields or “1” for odd fields, regardless of bit 5.
Fig. 8.11.14 I/O Polarity Control Register
0
0 : “
” at even field
” at odd field
1 : “
” at even field
” at odd field
b7 b6 b5 b4 b3 b2 b1 b0
I/O polarity control register (PC) [Address 00D8 16]
B
Name
Functions
After reset R W
I/O Polarity Control Register
0HSYNC input polarity
switch bit (PC0)
0 : Positive polarity input
1 : Negative polarity input
0
1
0 : Positive polarity input
1 : Negative polarity input
0
2
R, G, B output polarity
switch bit (PC2)
0 : Positive polarity output
1 : Negative polarity output
0
3
OUT1 output polarity
switch bit (PC3)
0 : Positive polarity output
1 : Negative polarity output
0
5
Display dot line selection
bit (PC5) (See note)
0
6
Field determination flag
(PC6)
0 : Even field
1 : Odd field
1
4, 7
0
VSYNC input polarity
switch bit (PC1)
RW
RW
RW
RW
RW
R—
RW
Fix these bits to “0.”
Note: Refer to the corresponding figure. 8.11.15
0


Similar Part No. - M37151M6

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37151M6-XXXFP RENESAS-M37151M6-XXXFP Datasheet
1Mb / 139P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - M37151M6

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37150M6 RENESAS-M37150M6 Datasheet
1Mb / 141P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M306H5MG-XXXFP RENESAS-M306H5MG-XXXFP Datasheet
2Mb / 324P
   SNGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA ACQUISITION CONTROLLER
M37225M6 RENESAS-M37225M6_15 Datasheet
1Mb / 128P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37225M6 RENESAS-M37225M6 Datasheet
1Mb / 126P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com