Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37151M6 Datasheet(PDF) 67 Page - Renesas Technology Corp

Part # M37151M6
Description  SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151M6 Datasheet(HTML) 67 Page - Renesas Technology Corp

Back Button M37151M6 Datasheet HTML 63Page - Renesas Technology Corp M37151M6 Datasheet HTML 64Page - Renesas Technology Corp M37151M6 Datasheet HTML 65Page - Renesas Technology Corp M37151M6 Datasheet HTML 66Page - Renesas Technology Corp M37151M6 Datasheet HTML 67Page - Renesas Technology Corp M37151M6 Datasheet HTML 68Page - Renesas Technology Corp M37151M6 Datasheet HTML 69Page - Renesas Technology Corp M37151M6 Datasheet HTML 70Page - Renesas Technology Corp M37151M6 Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 138 page
background image
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
Rev.1.00
Nov 01, 2002
page 67 of 136
REJ03B0129-0100Z
Fig. 8.11.7 Vertical Position Register i (i = 1 and 2)
b7 b6 b5 b4 b3 b2 b1 b0
0
to
7
R W
Vertical Position Register i
Vertical position register i (VPi) (i = 1 and 2) [Addresses 00D416, 00D516]
B
Name
Functions
After reset
RW
Inderterminate
Vertical display start
position control bits
(VPi0 to VPi7)
(See note)
Vertical display start position =
TH 5 (BCi6 ✕ 16
2 + n)
(n: setting value, TH: HSYNC cycle,
BCi6: bit 6 of block control register i)
Notes 1: Set values except “0016” to VPi when BCi6 is “0.”
2: When OS21 of OSD control register 2 = “0”, TH = 1HSYNC,
and OS21 of OSD control register 2 = “1”, TH = 2HSYNC.
The vertical display start position for each block can be set in 512
steps (where each step is 1TH (TH: HSYNC cycle)) as values “0016” to
“FF16” in vertical position register i (i = 1 and 2) (addresses 00D416
and 00D516) and values “0” or “1” in bit 6 of block control register i (i
= 1 and 2) (addresses 00D216 and 00D316). The vertical position
register is shown in Figure 8.11.7.
The vertical display start position of both blocks can be switched in
each step to 1TH or 2TH by setting values “0” or “1” in bit 1 of OSD
control register 2 (address 00DB16).


Similar Part No. - M37151M6

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37151M6-XXXFP RENESAS-M37151M6-XXXFP Datasheet
1Mb / 139P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - M37151M6

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37150M6 RENESAS-M37150M6 Datasheet
1Mb / 141P
SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M306H5MG-XXXFP RENESAS-M306H5MG-XXXFP Datasheet
2Mb / 324P
SNGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA ACQUISITION CONTROLLER
M37225M6 RENESAS-M37225M6_15 Datasheet
1Mb / 128P
SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37225M6 RENESAS-M37225M6 Datasheet
1Mb / 126P
SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com