Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37151M6 Datasheet(PDF) 58 Page - Renesas Technology Corp

Part # M37151M6
Description  SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151M6 Datasheet(HTML) 58 Page - Renesas Technology Corp

Back Button M37151M6 Datasheet HTML 54Page - Renesas Technology Corp M37151M6 Datasheet HTML 55Page - Renesas Technology Corp M37151M6 Datasheet HTML 56Page - Renesas Technology Corp M37151M6 Datasheet HTML 57Page - Renesas Technology Corp M37151M6 Datasheet HTML 58Page - Renesas Technology Corp M37151M6 Datasheet HTML 59Page - Renesas Technology Corp M37151M6 Datasheet HTML 60Page - Renesas Technology Corp M37151M6 Datasheet HTML 61Page - Renesas Technology Corp M37151M6 Datasheet HTML 62Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 138 page
background image
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
Rev.1.00
Nov 01, 2002
page 58 of 136
REJ03B0129-0100Z
8.10.11 16-bit Shift Register
The caption data converted into a digital value by the comparator is
stored into the 16-bit shift register in synchronization with the data
clock. The contents of the high-order 8 bits of the stored caption data
can be obtained by reading out data register 2 (address 00E316) and
data register 4 (address 00CF16). The contents of the low-order 8
bits can be obtained by reading out data register 1 (address 00E216)
and data register 3 (address 00CE16), respectively. These registers
are reset to “0” at a falling edge of Vsep. Read out data registers 1
and 2 after the occurrence of a data slicer interrupt (refer to “8.10.12
Interrupt Request Generating Circuit”).
8.10.12 Interrupt Request Generating Circuit
The interrupt requests as shown in Table 8.10.3 are generated by a
combination of the following bits; bits 6 and 7 of the caption position
register (address 00E616). Read out the contents of data registers 1
to 4 and the contents of bits 3 to 7 of the clock run-in detect register
after the occurrence of a data slicer interrupt request.
Slice Line Specification Mode
CPS
Completion Flag 1
(bit 0 of DSC2)
Completion Flag 2
(bit 5 of CPS)
Caption Data
Registers 1, 2
Caption Data
Registers 3, 4
Line 21
A line specified by
bits 4 to 0 of CPS
Line 21
Line 21
A line specified by
bits 4 to 0 of CPS
Invalid
Invalid
A line specified by
bits 4 to 0 of CPS
16-bit data of line 21
16-bit data of a line specified
by bits 4 to 0 of CPS
16-bit data of line 21
16-bit data of line 21
16-bit data of a line specified by
bits 4 to 0 of CPS
Invalid
Invalid
16-bit data of a line specified by
bits 4 to 0 of CPS
Contents of Caption Data Latch Completion Flag
Contents of 16-bit Shift Register
bit 7
0
0
1
1
bit 6
0
1
0
1
CPS: Caption position register
DSC2: Data slicer control register 2
Table 8.10.2 Contents of Caption Data Latch Completion Flag and 16-bit Shift Register
Caption position register
Occurence Souces of Interrupt Request at End of Data Slice Line
After slicing line 21
After a line specified by bits 4 to 0 of CPS
After slicing line 21
After slicing line 21
b7
0
1
b6
0
1
0
1
Table 8.10.3 Occurence Sources of Interrupt Request


Similar Part No. - M37151M6

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37151M6-XXXFP RENESAS-M37151M6-XXXFP Datasheet
1Mb / 139P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - M37151M6

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37150M6 RENESAS-M37150M6 Datasheet
1Mb / 141P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M306H5MG-XXXFP RENESAS-M306H5MG-XXXFP Datasheet
2Mb / 324P
   SNGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA ACQUISITION CONTROLLER
M37225M6 RENESAS-M37225M6_15 Datasheet
1Mb / 128P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37225M6 RENESAS-M37225M6 Datasheet
1Mb / 126P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com