Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37151M6 Datasheet(PDF) 54 Page - Renesas Technology Corp

Part # M37151M6
Description  SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151M6 Datasheet(HTML) 54 Page - Renesas Technology Corp

Back Button M37151M6 Datasheet HTML 50Page - Renesas Technology Corp M37151M6 Datasheet HTML 51Page - Renesas Technology Corp M37151M6 Datasheet HTML 52Page - Renesas Technology Corp M37151M6 Datasheet HTML 53Page - Renesas Technology Corp M37151M6 Datasheet HTML 54Page - Renesas Technology Corp M37151M6 Datasheet HTML 55Page - Renesas Technology Corp M37151M6 Datasheet HTML 56Page - Renesas Technology Corp M37151M6 Datasheet HTML 57Page - Renesas Technology Corp M37151M6 Datasheet HTML 58Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 138 page
background image
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
Rev.1.00
Nov 01, 2002
page 54 of 136
REJ03B0129-0100Z
8.10.6 Data Slice Line Specification Circuit
(1) Specification of data slice line
This circuit determines the lines on to which caption data is super-
imposed. Data can be sliced for line 21 and one arbitrary line in
both field (2 lines total per field). The caption position register (ad-
dress 00E616) is used for each setting (refer to Table 8.10.1).
The counter is reset at the falling edge of Vsep and is incremented
by 1 every Hsep pulse. When the counter value matches the value
specified by bits 4 to 0 of the caption position register, this Hsep is
sliced.
The values of “0016” to “1F16” can be set in the caption position
register (when setting only one arbitrary line). Figure 8.10.8 shows
the signals in the vertical blanking interval. Figure 8.10.9 shows
the structure of the caption position register.
(2) Specification of line to set slice voltage
Table 8.10.1 shows which field and line generates the reference
slice voltage for the clock run-in pulse of each line. The field to
generate slice voltage is specified by bit 1 of data slicer control
register 1. The line to generate slice voltage for one field is speci-
fied by bits 6 and 7 of the caption position register (refer to
Table 8.10.1).
Fig. 8.10.8 Signals in Vertical Blanking Interval
(3) Field determination
The field determination flag can be read out by bit 3 of data slicer
control register 2. This flag changes at the falling edge of Vsep.
Video signal
Vertical blanking interval
Composite
video signal
Count value to be set in the caption position register (“0F 16” in this case)
Hsep
Vsep
Hsep
Magnified
drawing
Clock run-in
Start bit + 16-bit data
Start bit
Window for
deteminating
clock-run-in
Composite video
signal
Line 21
1 appropriate line is set by
the caption position register
(when setting line 19)


Similar Part No. - M37151M6

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37151M6-XXXFP RENESAS-M37151M6-XXXFP Datasheet
1Mb / 139P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - M37151M6

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37150M6 RENESAS-M37150M6 Datasheet
1Mb / 141P
SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M306H5MG-XXXFP RENESAS-M306H5MG-XXXFP Datasheet
2Mb / 324P
SNGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA ACQUISITION CONTROLLER
M37225M6 RENESAS-M37225M6_15 Datasheet
1Mb / 128P
SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37225M6 RENESAS-M37225M6 Datasheet
1Mb / 126P
SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com