Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37151M6 Datasheet(PDF) 51 Page - Renesas Technology Corp

Part # M37151M6
Description  SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151M6 Datasheet(HTML) 51 Page - Renesas Technology Corp

Back Button M37151M6 Datasheet HTML 47Page - Renesas Technology Corp M37151M6 Datasheet HTML 48Page - Renesas Technology Corp M37151M6 Datasheet HTML 49Page - Renesas Technology Corp M37151M6 Datasheet HTML 50Page - Renesas Technology Corp M37151M6 Datasheet HTML 51Page - Renesas Technology Corp M37151M6 Datasheet HTML 52Page - Renesas Technology Corp M37151M6 Datasheet HTML 53Page - Renesas Technology Corp M37151M6 Datasheet HTML 54Page - Renesas Technology Corp M37151M6 Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 138 page
background image
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
Rev.1.00
Nov 01, 2002
page 51 of 136
REJ03B0129-0100Z
Figures 8.10.4 and 8.10.5 the data slicer control registers.
Fig. 8.10.4 Data Slicer Control Register 1
Fig. 8.10.5 Data Slicer Control Register 2
b7 b6 b5 b4 b3 b2 b1 b0
Data slicer control register 1(DSC1) [Address 00E016]
Data Slicer Control Register 1
0
0
R W
0
R W
2
Reference clock source
selection bit (DSC12)
0: Video signal
1: HSYNC signal
0
R W
0
R W
0R W
1 1
0: Stopped
1: Operating
Data slicer and timing signal
generating circuit control bit (DSC10)
Fix these bits to “0.”
3, 4
0
0 0
1
0: F2
1: F1
Selection bit of data slice reference
voltage generating field (DSC11)
Fix these bits to “1.”
5, 6
Definition of fields 1 (F1) and 2 (F2)
Hsep
Vsep
F1:
Hsep
Vsep
F2:
B
After reset R W
Name
Functions
0
R W
Fix this bit to “0.”
7
b7 b6 b5 b4 b3 b2 b1 b0
Data slicer control register 2 (DSC2) [Address 00E116]
RW
Data Slicer Control Register 2
Indeterminate
Indeterminate
Indeterminate
Indeterminate
Indeterminate
R—
1
0
R W
R —
R —
01
0: Data is not latched yet
and a clock-run-in is not
determined.
1: Data is latched and a
clock-run-in is determined.
Caption data latch
completion flag 1
(DSC20)
Fix this bit to “1.”
2
Read-only
Test bit
0
0: F2
1: F1
Field determination
flag(DSC23)
0: Method (1)
1: Method (2)
Vertical synchronous signal
(Vsep) generating method
selection bit (DSC24)
0
RW
5
0: Match
1: Mismatch
V-pulse shape
determination flag (DSC25)
R—
6
4
0
R W
Fix this bit to “0.”
B
1
After reset
Functions
Name
Definition of fields 1 (F1) and 2 (F2)
Hsep
Vsep
F1:
Hsep
Vsep
F2:
R —
7
Read-only
Test bit


Similar Part No. - M37151M6

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37151M6-XXXFP RENESAS-M37151M6-XXXFP Datasheet
1Mb / 139P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - M37151M6

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
CMOS 8-bit Single Chip Microcomputer
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
CMOS 8-bit Single Chip Microcomputer
logo
Renesas Technology Corp
M37150M6 RENESAS-M37150M6 Datasheet
1Mb / 141P
SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M306H5MG-XXXFP RENESAS-M306H5MG-XXXFP Datasheet
2Mb / 324P
SNGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA ACQUISITION CONTROLLER
M37225M6 RENESAS-M37225M6 Datasheet
1Mb / 126P
SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37225M6 RENESAS-M37225M6_15 Datasheet
1Mb / 128P
SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com