Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37151M6 Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # M37151M6
Description  SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151M6 Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button M37151M6 Datasheet HTML 44Page - Renesas Technology Corp M37151M6 Datasheet HTML 45Page - Renesas Technology Corp M37151M6 Datasheet HTML 46Page - Renesas Technology Corp M37151M6 Datasheet HTML 47Page - Renesas Technology Corp M37151M6 Datasheet HTML 48Page - Renesas Technology Corp M37151M6 Datasheet HTML 49Page - Renesas Technology Corp M37151M6 Datasheet HTML 50Page - Renesas Technology Corp M37151M6 Datasheet HTML 51Page - Renesas Technology Corp M37151M6 Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 138 page
background image
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
Rev.1.00
Nov 01, 2002
page 48 of 136
REJ03B0129-0100Z
Fig. 8.9.1 ROM Correction Address Registers
8.9 ROM CORRECTION FUNCTION
This can correct program data in the ROM. Up to 2 addresses can be
corrected; a program for correction is stored in the ROM correction
vector in the RAM as the top address. There are 2 vectors for ROM
correction:.
Vector 1 : address 030016
Vector 2 : address 032016
Set the address of the ROM data to be corrected into the ROM cor-
rection address register. When the value of the counter matches the
ROM data address in the top address of the ROM correction vector,
the main program branches to the correction program stored in the
ROM memory. To return from the correction program to the main
program, the op code and operand of the JMP instruction (total of 3
bytes) are necessary at the end of the correction program.
The ROM correction function is controlled by the ROM correction
enable register.
Notes 1: Specify t he first address (op code address) of each
instruction as the ROM correction address.
2: Use the JMP instruction (total of 3 bytes) to return from
the correction program to the main program.
3: Do not set the same ROM correction address to both vectors 1
and 2.
020A16
ROM correction address 1 (high-order)
020B16
ROM correction address 1 (low-order)
020C16
ROM correction address 2 (high-order)
020D16
ROM correction address 2 (low-order)
b7 b6 b5 b4 b3 b2 b1 b0
ROM correction enable register (RCR) [Address 020E 16]
B
After reset
RW
ROM Correction Enable Register
0
Vector 1 enable bit (RC0)
Name
Functions
0: Disabled
1: Enabled
1
Vector 2 enable bit (RC1)
0: Disabled
1: Enabled
2
to
7
Nothing is assigned. These bits are write disable bits. When
these bits are read out, the values are “0.”
0
0
0
RW
RW
R—


Similar Part No. - M37151M6

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37151M6-XXXFP RENESAS-M37151M6-XXXFP Datasheet
1Mb / 139P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - M37151M6

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37150M6 RENESAS-M37150M6 Datasheet
1Mb / 141P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M306H5MG-XXXFP RENESAS-M306H5MG-XXXFP Datasheet
2Mb / 324P
   SNGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA ACQUISITION CONTROLLER
M37225M6 RENESAS-M37225M6_15 Datasheet
1Mb / 128P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37225M6 RENESAS-M37225M6 Datasheet
1Mb / 126P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com