Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37151M6 Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # M37151M6
Description  SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151M6 Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button M37151M6 Datasheet HTML 38Page - Renesas Technology Corp M37151M6 Datasheet HTML 39Page - Renesas Technology Corp M37151M6 Datasheet HTML 40Page - Renesas Technology Corp M37151M6 Datasheet HTML 41Page - Renesas Technology Corp M37151M6 Datasheet HTML 42Page - Renesas Technology Corp M37151M6 Datasheet HTML 43Page - Renesas Technology Corp M37151M6 Datasheet HTML 44Page - Renesas Technology Corp M37151M6 Datasheet HTML 45Page - Renesas Technology Corp M37151M6 Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 138 page
background image
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
Rev.1.00
Nov 01, 2002
page 42 of 136
REJ03B0129-0100Z
8.7 PWM OUTPUT FUNCTION
This microcomputer is equipped with five 8-bit PWMs (PWM0–
PWM4). PWM0–PWM4 have the same circuit structure, an 8-bit reso-
lution with minimum resolution bit width of 4
µs (for f(XIN) = 8 MHz)
and repeat period of 1024
µs (for f(XIN) = 8 MHz).
Figure 8.7.1 shows the PWM block diagram. The PWM timing gen-
erating circuit applies individual control signals to PWM0–PWM4 us-
ing f(XIN) divided by 2 as a reference signal.
8.7.1 Data Setting
When outputting PWM0–PWM4, set 8-bit output data to the PWMi
register (i means 0 to 4; addresses 020016 to 020416).
8.7.2 Transmitting Data from Register to PWM
circuit
Data transfer from the 8-bit PWM register to the 8-bit PWM circuit is
executed when writing data to the register.
The signal output from the 8-bit PWM output pin corresponds to the
contents of this register.
8.7.3 Operating of 8-bit PWM
The following explains the PWM operation.
First, set bit 0 of PWM mode register 1 (address 020816) to “0” (at
reset, bit 0 is already set to “0” automatically), so that the PWM count
source is supplied.
PWM0–PWM4 are also used as pins P00–P04. Set the correspond-
ing bits of the port P0 direction register to “1” (output mode). And
select each output polarity by bit 3 of PWM mode register 1 (address
020816). Then, set bits 4 to 0 of PWM mode register 2 (address
020916) to “1” (PWM output).
The PWM waveform is output from the PWM output pins by setting
these registers.
Figure 8.7.2 shows the 8-bit PWM timing. One cycle (T) is com-
posed of 256 (28) segments. 8 kinds of pulses, relative to the weight
of each bit (bits 0 to 7), are output inside the circuit during 1 cycle.
Refer to Figure 8.7.2 (a). The 8-bit PWM outputs a waveform which
is the logical sum (OR) of pulses corresponding to the contents of
bits 0 to 7 of the 8-bit PWM register. Several examples are shown in
Figure 8.7.2 (b). 256 kinds of output (HIGH area: 0/256 to 255/256)
are selected by changing the contents of the PWM register. An en-
tirely HIGH section cannot be output, i.e. 256/256.
8.7.4 Output after Reset
At reset, the output of ports P00–P04 is in the high-impedance state,
and the contents of the PWM register and the PWM circuit are unde-
fined. Note that after reset, the PWM output is undefined until setting
the PWM register.


Similar Part No. - M37151M6

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37151M6-XXXFP RENESAS-M37151M6-XXXFP Datasheet
1Mb / 139P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - M37151M6

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37150M6 RENESAS-M37150M6 Datasheet
1Mb / 141P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M306H5MG-XXXFP RENESAS-M306H5MG-XXXFP Datasheet
2Mb / 324P
   SNGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA ACQUISITION CONTROLLER
M37225M6 RENESAS-M37225M6_15 Datasheet
1Mb / 128P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37225M6 RENESAS-M37225M6 Datasheet
1Mb / 126P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com