Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37151M6 Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # M37151M6
Description  SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151M6 Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button M37151M6 Datasheet HTML 37Page - Renesas Technology Corp M37151M6 Datasheet HTML 38Page - Renesas Technology Corp M37151M6 Datasheet HTML 39Page - Renesas Technology Corp M37151M6 Datasheet HTML 40Page - Renesas Technology Corp M37151M6 Datasheet HTML 41Page - Renesas Technology Corp M37151M6 Datasheet HTML 42Page - Renesas Technology Corp M37151M6 Datasheet HTML 43Page - Renesas Technology Corp M37151M6 Datasheet HTML 44Page - Renesas Technology Corp M37151M6 Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 138 page
background image
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
Rev.1.00
Nov 01, 2002
page 41 of 136
REJ03B0129-0100Z
(3) RESTART condition generation procedure
➀ Procedure example (The necessary conditions for the procedure
are described in ➁ to ➅ below.)
Execute the following procedure when the PIN bit is “0.”
LDM
#$00, S1
(Select slave receive mode)
LDA
(Take out slave address value)
SEI
(Interrupt disabled)
STA
S0
(Write slave address value)
LDM
#$F0, S1
(Trigger RESTART condition generation)
CLI
(Interrupt enabled)
➁ Select the slave receive mode when the PIN bit is “0.” Do not write
“1” to the PIN bit. Neither “0” nor “1” is specified for the writing to
the BB bit.
The TRX bit becomes “0” and the SDA pin is released.
➂ The SCL pin is released by writing the slave address value to the
I2C data shift register. Use “STA,” “STX” or “STY” of the zero page
addressing instruction for writing.
➃ Use “LDM” instruction for setting trigger of RESTART condition
generation.
➄ Write the slave address value of ➂ and set trigger of RESTART
condition generation of ➃ continuously, as shown in the procedure
example.
➅ Disable interrupts during the following two process steps:
• Write slave address value
• Trigger RESTART condition generation
(4) STOP condition generating procedure
➀ Procedure example (The necessary conditions for the procedure
are described in ➁ to ➃ below.)
SEI
(Interrupt disabled)
LDM #$C0, S1
(Select master transmit mode)
NOP
(Set NOP)
LDM #$D0, S1
(Trigger STOP condition generation)
CLI
(Interrupt enabled)
➁ Write “0” to the PIN bit when master transmit mode is selected.
➂ Execute “NOP” instruction after master transmit mode is set. Also,
set trigger of STOP condition generation within 10 cycles after se-
lecting the master trasmit mode.
➃ Disable interrupts during the following two process steps:
• Select master transmit mode
• Trigger STOP condition generation
(5) Writing to I2C status register
Do not execute an instruction to set the PIN bit to “1” from “0” and an
instruction to set the MST and TRX bits to “0” from “1” simultaneously
as it may cause the SCL pin the SDA pin to be released after about
one machine cycle. Also, do not execute an instruction to set the
MST and TRX bits to “0” from “1” when the PIN bit is “1,” as it may
cause the same problem.
(6) Process after STOP condition generation
Do not write data in the I2C data shift register S0 and the I2C status
register S1 until the bus busy flag BB becomes “0” after generating
the STOP condition in the master mode. Doing so may cause the
STOP condition waveform from being generated normally. Reading
the registers does not cause the same problem.


Similar Part No. - M37151M6

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37151M6-XXXFP RENESAS-M37151M6-XXXFP Datasheet
1Mb / 139P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - M37151M6

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37150M6 RENESAS-M37150M6 Datasheet
1Mb / 141P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M306H5MG-XXXFP RENESAS-M306H5MG-XXXFP Datasheet
2Mb / 324P
   SNGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA ACQUISITION CONTROLLER
M37225M6 RENESAS-M37225M6_15 Datasheet
1Mb / 128P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37225M6 RENESAS-M37225M6 Datasheet
1Mb / 126P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com