![]() |
Electronic Components Datasheet Search |
|
M37151M6 Datasheet(PDF) 38 Page - Renesas Technology Corp |
|
|
M37151M6 Datasheet(HTML) 38 Page - Renesas Technology Corp |
38 / 138 page ![]() M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP Rev.1.00 Nov 01, 2002 page 38 of 136 REJ03B0129-0100Z 8.6.8 START/STOP Condition Detect Conditions The START/STOP condition detect conditions are shown in Figure 8.6.12 and Table 8.6.3. Only when the 3 conditions of Table 8.6.3 are satisfied, a START/STOP condition can be detected. Note: When a STOP condition is detected in t he slave mode (MST = 0), an interrupt request signal “IICIRQ” is generated to the CPU. Fig. 8.6.12 START Condition/STOP Condition Detect Timing Diagram Standard Clock Mode 6.5 µs (26 cycles) < SCL release time 3.25 µs (13 cycles) < Setup time 3.25 µs (13 cycles) < Hold time High-speed Clock Mode 1.0 µs (4 cycles) < SCL release time 0.5 µs (2 cycles) < Setup time 0.5 µs (2 cycles) < Hold time Table 8.6.3 START Condition/STOP Condition Detect Conditions Note: Absolute time at φ = 4 MHz. The value in parentheses denotes the num- ber of φ cycles. Hold time Setup time SCL SDA (START condition) SDA (STOP condition) SCL release time Hold time Setup time 8.6.9 Address Data Communication There are two address data communication formats, namely, 7-bit addressing format and 10-bit addressing format. The respective ad- dress communication formats are described below. (1) 7-bit addressing format To support the 7-bit addressing format, set the 10BIT SAD bit of the I2C control register (address 00F916) to “0.” The first 7-bit address data transmitted from the master is compared with the high-order 7- bit slave address stored in the I2C address register (address 00F716). At the time of this comparison, address comparison of the RBW bit of the I2C address register (address 00F716) is not made. For the data transmission format when the 7-bit addressing format is selected, refer to Figure 8.6.13, (1) and (2). (2) 10-bit addressing format To support the 10-bit addressing format, set the 10BIT SAD bit of the I2C control register (address 00F916) to “1.” An address comparison is made between the first-byte address data transmitted from the master and the 7-bit slave address stored in the I2C address register (address 00F716). At the time of this comparison, an address com- parison is performed between the RBW bit of the I2C address regis- – ter (address 00F716) and the R/W bit, which is the last bit of the address data transmitted from the master. In the 10-bit addressing – mode, the R/W bit not only specifies the direction of communication for control data but is also processed as an address data bit. When the first-byte address data matches the slave address, the AAS bit of the I2C status register (address 00F816) is set to “1.” After the second-byte address data is stored into the I2C data shift register (address 00F616), perform an address comparison between the sec- ond-byte data and the slave address by software. When the address data of the 2nd byte matches the slave address, set the RBW bit of the I2C address register (address 00F716) to “1” by software. This – processing can match the 7-bit slave address and R/W data, which are received after a RESTART condition is detected, with the value of the I2C address register (address 00F716). For the data transmis- sion format when the 10-bit addressing format is selected, refer to Figure 8.6.13, (3) and (4). |
Similar Part No. - M37151M6 |
|
Similar Description - M37151M6 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |