Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2S15900SP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R2S15900SP
Description  2ch Electronic Volume with Surround
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2S15900SP Datasheet(HTML) 1 Page - Renesas Technology Corp

  R2S15900SP_06 Datasheet HTML 1Page - Renesas Technology Corp R2S15900SP_06 Datasheet HTML 2Page - Renesas Technology Corp R2S15900SP_06 Datasheet HTML 3Page - Renesas Technology Corp R2S15900SP_06 Datasheet HTML 4Page - Renesas Technology Corp R2S15900SP_06 Datasheet HTML 5Page - Renesas Technology Corp R2S15900SP_06 Datasheet HTML 6Page - Renesas Technology Corp R2S15900SP_06 Datasheet HTML 7Page - Renesas Technology Corp R2S15900SP_06 Datasheet HTML 8Page - Renesas Technology Corp R2S15900SP_06 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Rev.1.4 Dec 13, 2006 page 1 of 9
R2S15900SP
2ch Electronic Volume with Surround
REJ03F0126-0140
Rev.1.4
Dec 13, 2006
Description
The R2S15900SP is an optimum audio signal processor IC for TV. It has a 5ch input selector, surround/pseudo stereo,
tone control(2band), output gain control and 2ch master volume. It can control all of these functions with I2C bus.
Features
• Volume 0 to –84dB, –∞/ 1dB step
Each channel is independence control.
• 5 input selector + MUTE
• 2 Rec output
• Tone control Bass: –15dB to +15dB/ 1dB step
Treble: –15dB to +15dB/ 1dB step
• Surround <Low/ High> / Pseudo Stereo
• Mode selector Bypass/ Tone / Tone & Pseudo Stereo or Surround
• Output gain control 0dB/ +4.5dB
• I2C-BUS control
• Package 28pin SOP
Recommended Operating Condition
Supply voltage: VCC = 9.0V(typ)
Application
TV, Mini Stereo, etc.
System Configuration
ROUT
LOUT
-BUS I/F
IN R2
IN R3
REC R1
(IN R4)
SDA
Pseudo Stereo
and
Surround
Tone Control
(Bass / Treble)
Mode Selector
Mode Selector
SCL
Volume L
Volume R
IN R1
REC R2
(IN R5)
IN L2
IN L1
REC L1
(IN L4)
IN L3
REC L2
(IN L5)
Output Gain
Control
Output Gain
Control
VCC=9V
I C
2


Similar Part No. - R2S15900SP_06

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2S15900SP RENESAS-R2S15900SP Datasheet
210Kb / 9P
   2ch Electronic Volume with Surround
More results

Similar Description - R2S15900SP_06

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2S15900SP RENESAS-R2S15900SP Datasheet
210Kb / 9P
   2ch Electronic Volume with Surround
logo
Princeton Technology Co...
PT2329 PTC-PT2329_10 Datasheet
189Kb / 4P
   2CH Electronic Volume with Tone & Surround
PT2329 PTC-PT2329 Datasheet
189Kb / 4P
   2CH Electronic Volume with Tone & Surround
logo
Renesas Technology Corp
R2A15908SP RENESAS-R2A15908SP Datasheet
497Kb / 14P
   5 Input Selector 2ch Electronic Volume with Tone & Surround
logo
Rohm
BD3812F ROHM-BD3812F_1 Datasheet
337Kb / 10P
   2ch Electronic Volume
logo
Renesas Technology Corp
M51132L RENESAS-M51132L Datasheet
342Kb / 12P
   2ch Electronic Volume Balance
Rev.1.0 Sep.05.2003
logo
Mitsubishi Electric Sem...
M51132L MITSUBISHI-M51132L Datasheet
519Kb / 9P
   2CH ELECTRONIC VOLUME-BALANCE
logo
Renesas Technology Corp
M61524FP RENESAS-M61524FP Datasheet
301Kb / 21P
   2ch ELECTRONIC VOLUME WITH 4 INPUT SELECTOR
logo
Hitachi Semiconductor
REJ03F0035_M61524FP HITACHI-REJ03F0035_M61524FP Datasheet
301Kb / 21P
   2ch ELECTRONIC VOLUME WITH 4 INPUT SELECTOR
logo
New Japan Radio
NJW1201A NJRC-NJW1201A Datasheet
373Kb / 30P
   2ch Electronic Volume with Dynamic Bass Boost
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com