Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2S15900SP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R2S15900SP
Description  2ch Electronic Volume with Surround
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2S15900SP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R2S15900SP_06 Datasheet HTML 2Page - Renesas Technology Corp R2S15900SP_06 Datasheet HTML 3Page - Renesas Technology Corp R2S15900SP_06 Datasheet HTML 4Page - Renesas Technology Corp R2S15900SP_06 Datasheet HTML 5Page - Renesas Technology Corp R2S15900SP_06 Datasheet HTML 6Page - Renesas Technology Corp R2S15900SP_06 Datasheet HTML 7Page - Renesas Technology Corp R2S15900SP_06 Datasheet HTML 8Page - Renesas Technology Corp R2S15900SP_06 Datasheet HTML 9Page - Renesas Technology Corp R2S15900SP_06 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
R2S15900SP
Rev.1.4 Dec 13, 2006 page 6 of 9
Function Description
1. Tone Control Circuit
<1> Bass Circuit
OUT
IN
R2
R3
C2
C1
R1
fo =
2
R1(R2+R3 C1C2
1
(Hz)
Q ~
=
C1+C2
R1
1
(R3=0)
C1C2R2
Gv = 20 log
(dB)
R1
R3
+2
R1
R2+R3
+2
(C1=C2)
OUT
IN
R3
R2
C2
C1
R1
fo =
2
R1(R2+R3 C1C2
1
(Hz)
Q
C1+C2
R1
1
(R3=0)
C1C2R2
Gv = 20 log
(dB)
R1
+2
R3
R2+R3
R1
+2
(C1=C2)
OUT
IN
R2
R1
C
Gv = 20 log
(dB)
R1+R2
R1
OUT
IN
R1
R2
C
Gv = 20 log
(dB)
R1+R2
R1
~
=
Boost
Cut
<2> Treble Circuit
Boost
Cut
+
-
+
-
π
π
+
-
+
-
R2 [Ω]
R3 [Ω]
±1
±2
±3
±4
±5
±6
±7
±8
±9
±10
±11
±12
±13
±14
±15
10480
19820
28150
35570
42180
48080
53340
58020
62190
65910
69230
72190
74820
77170
79260
69520
60180
44430
37820
31920
21980
17810
14090
10770
7810
5180
2830
740
26660
51850
±0
0
80000
3270
6190
8790
11110
13180
15030
16680
18150
19470
20650
21700
22660
23500
24270
24960
26730
23810
18890
16820
14970
11850
10530
9350
8300
7340
6500
5730
5040
13320
21210
0
30000
R1=8.2kΩ
C1=C2=0.068μF
C=8200pF
setting[dB]
R2 [Ω]
R1 [Ω]
±1
±2
±3
±4
±5
±6
±7
±8
±9
±10
±11
±12
±13
±14
±15
±0
setting[dB]


Similar Part No. - R2S15900SP_06

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2S15900SP RENESAS-R2S15900SP Datasheet
210Kb / 9P
   2ch Electronic Volume with Surround
More results

Similar Description - R2S15900SP_06

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2S15900SP RENESAS-R2S15900SP Datasheet
210Kb / 9P
   2ch Electronic Volume with Surround
logo
Princeton Technology Co...
PT2329 PTC-PT2329_10 Datasheet
189Kb / 4P
   2CH Electronic Volume with Tone & Surround
PT2329 PTC-PT2329 Datasheet
189Kb / 4P
   2CH Electronic Volume with Tone & Surround
logo
Renesas Technology Corp
R2A15908SP RENESAS-R2A15908SP Datasheet
497Kb / 14P
   5 Input Selector 2ch Electronic Volume with Tone & Surround
logo
Rohm
BD3812F ROHM-BD3812F_1 Datasheet
337Kb / 10P
   2ch Electronic Volume
logo
Renesas Technology Corp
M51132L RENESAS-M51132L Datasheet
342Kb / 12P
   2ch Electronic Volume Balance
Rev.1.0 Sep.05.2003
logo
Mitsubishi Electric Sem...
M51132L MITSUBISHI-M51132L Datasheet
519Kb / 9P
   2CH ELECTRONIC VOLUME-BALANCE
logo
Renesas Technology Corp
M61524FP RENESAS-M61524FP Datasheet
301Kb / 21P
   2ch ELECTRONIC VOLUME WITH 4 INPUT SELECTOR
logo
Hitachi Semiconductor
REJ03F0035_M61524FP HITACHI-REJ03F0035_M61524FP Datasheet
301Kb / 21P
   2ch ELECTRONIC VOLUME WITH 4 INPUT SELECTOR
logo
New Japan Radio
NJW1201A NJRC-NJW1201A Datasheet
373Kb / 30P
   2ch Electronic Volume with Dynamic Bass Boost
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com