Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2S15900SP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # R2S15900SP
Description  2ch Electronic Volume with Surround
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2S15900SP Datasheet(HTML) 5 Page - Renesas Technology Corp

  R2S15900SP_06 Datasheet HTML 1Page - Renesas Technology Corp R2S15900SP_06 Datasheet HTML 2Page - Renesas Technology Corp R2S15900SP_06 Datasheet HTML 3Page - Renesas Technology Corp R2S15900SP_06 Datasheet HTML 4Page - Renesas Technology Corp R2S15900SP_06 Datasheet HTML 5Page - Renesas Technology Corp R2S15900SP_06 Datasheet HTML 6Page - Renesas Technology Corp R2S15900SP_06 Datasheet HTML 7Page - Renesas Technology Corp R2S15900SP_06 Datasheet HTML 8Page - Renesas Technology Corp R2S15900SP_06 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
R2S15900SP
Rev.1.4 Dec 13, 2006 page 5 of 9
Electrical Characteristics
(VCC=9V, Ta=25°C, Vi=100mVrms, f=1kHz, Tone control=0dB, Rg=0Ω, RL=47kΩ, unless otherwise noted)
General Characteristics
Limits
Parameter
Symbol
Min
Typ
Max
Unit
Condition
Operational power supply
VCC
5.0
9.0
9.7
V
Supply current
ICC
15
25
mA
No signal
Reference voltage
Vref
4.0
4.5
5.0
V
No signal
Input impedance
RIN
17
25
33
k
Maximum input voltage
VIM
2.8
3.0
Vrms
VOL=–20dB, THD=3%
Maximum output voltage
VOM
2.5
Vrms
VOL=0dB, THD=1%
Rec output gain
Gvrec
–2.0
dB
Rec out
Output gain
Gvout
4.5
dB
Output gain=4.5dB
Volume maximum
VOLmax
–2
0
+2
dB
VOL=0dB
Volume minimum
VOLmin
–85
–70
dB
VOL=Mute, Vi=1Vrms, IHF-A
Channel balance
CBAL
–1.5
0
1.5
dB
VOL=0dB
Total harmonic distortion
THD
0.01
0.5
%
Vo=0.5Vrms
400Hz to 30kHz BPF
Input selector cross talk
CT
–100
–70
dB
Vi=1Vrms, IHF-A
Channel separation
CS
–100
–70
dB
Vi=1Vrms, IHF-A,
Output noise 1
Vno1
–90
(31.6)
–85
(56.2)
dBV
(µVrms)
VOL=0dB,Output gain=0dB
Tone=0dB,Surround ON, IHF-A
Output noise 2
Vno2
–103
(7)
–97
(14)
dBV
(µVrms)
VOL=Mute, Output gain=0dB
Bypass, IHF-A
Tone Control
Limits
Parameter
Symbol
Min
Typ
Max
Unit
Condition
Tone control voltage gain
(Boost/Bass)
G (Bass) B
+12.5
+15
+17.5
dB
f = 100Hz
Bass= + 15dB
Tone control voltage gain
(Cut/Bass)
G (Bass) C
–17.5
–15
–12.5
dB
f = 100Hz
Bass = –15dB
Tone control voltage gain
(Flat/Bass)
G (Bass) F
–2
0
+2
dB
f = 100Hz
Bass = 0dB
Tone control voltage gain
(Boost/Treble)
G (Treble) B
+12.5
+15
+17.5
dB
f = 10kHz
Tre = +15dB
Tone control voltage gain
(Cut/Treble)
G (Treble) C
–17.5
–15
–12.5
dB
f = 10kHz
Tre = –15dB
Tone control voltage gain
(Flat/Treble)
G (Treble) F
–2
0
+2
dB
f = 100Hz
Tre = 0dB
I
2C BUS Interface
Limits
Parameter
Symbol
Min
Typ
Max
Unit
Condition
Low level input voltage
VIL
0
1.5
V
VCC=9V
High level input voltage
VIH
3
5
V
VCC=9V
Maximum clock frequency
fSCL
100
kHz


Similar Part No. - R2S15900SP_06

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2S15900SP RENESAS-R2S15900SP Datasheet
210Kb / 9P
   2ch Electronic Volume with Surround
More results

Similar Description - R2S15900SP_06

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2S15900SP RENESAS-R2S15900SP Datasheet
210Kb / 9P
   2ch Electronic Volume with Surround
logo
Princeton Technology Co...
PT2329 PTC-PT2329_10 Datasheet
189Kb / 4P
   2CH Electronic Volume with Tone & Surround
PT2329 PTC-PT2329 Datasheet
189Kb / 4P
   2CH Electronic Volume with Tone & Surround
logo
Renesas Technology Corp
R2A15908SP RENESAS-R2A15908SP Datasheet
497Kb / 14P
   5 Input Selector 2ch Electronic Volume with Tone & Surround
logo
Rohm
BD3812F ROHM-BD3812F_1 Datasheet
337Kb / 10P
   2ch Electronic Volume
logo
Renesas Technology Corp
M51132L RENESAS-M51132L Datasheet
342Kb / 12P
   2ch Electronic Volume Balance
Rev.1.0 Sep.05.2003
logo
Mitsubishi Electric Sem...
M51132L MITSUBISHI-M51132L Datasheet
519Kb / 9P
   2CH ELECTRONIC VOLUME-BALANCE
logo
Renesas Technology Corp
M61524FP RENESAS-M61524FP Datasheet
301Kb / 21P
   2ch ELECTRONIC VOLUME WITH 4 INPUT SELECTOR
logo
Hitachi Semiconductor
REJ03F0035_M61524FP HITACHI-REJ03F0035_M61524FP Datasheet
301Kb / 21P
   2ch ELECTRONIC VOLUME WITH 4 INPUT SELECTOR
logo
New Japan Radio
NJW1201A NJRC-NJW1201A Datasheet
373Kb / 30P
   2ch Electronic Volume with Dynamic Bass Boost
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com