Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1LV1616RSA-7SR Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R1LV1616RSA-7SR
Description  16Mb Advanced LPSRAM (1M wordx16bit / 2M wordx8bit)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1LV1616RSA-7SR Datasheet(HTML) 4 Page - Renesas Technology Corp

  R1LV1616RSA-7SR Datasheet HTML 1Page - Renesas Technology Corp R1LV1616RSA-7SR Datasheet HTML 2Page - Renesas Technology Corp R1LV1616RSA-7SR Datasheet HTML 3Page - Renesas Technology Corp R1LV1616RSA-7SR Datasheet HTML 4Page - Renesas Technology Corp R1LV1616RSA-7SR Datasheet HTML 5Page - Renesas Technology Corp R1LV1616RSA-7SR Datasheet HTML 6Page - Renesas Technology Corp R1LV1616RSA-7SR Datasheet HTML 7Page - Renesas Technology Corp R1LV1616RSA-7SR Datasheet HTML 8Page - Renesas Technology Corp R1LV1616RSA-7SR Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
R1LV1616RBA Series
REJ03C0340-0001 Rev.0.01 2007.10.31
page 4 of 14
Note 1. -2.0V in case of AC (Pulse width
30ns)
2. Maximum voltage is +4.6V
Note 1. H:VIH L:VIL
X: VIH or VIL
2. When applying BYTE# =“L” , please assign LB#=UB#=“L”.
Operating Table
Absolute Maximum Ratings
CS1#
CS2
BYTE#
LB#
UB#
WE#
OE#
DQ0-7
DQ8-14
DQ15
Operation
H
X
X
X
X
X
X
High-Z
High-Z
High-Z
Stand by
X
L
X
X
X
X
X
High-Z
High-Z
High-Z
Stand by
X
X
H
H
H
X
X
High-Z
High-Z
High-Z
Stand by
L
H
H
L
H
L
X
Din
High-Z
High-Z
Write in lower byte
L
H
H
L
H
H
L
Dout
High-Z
High-Z
Read from lower byte
L
H
X
X
X
H
H
High-Z
High-Z
High-Z
Output disable
L
H
H
H
L
L
X
High-Z
Din
Din
Write in upper byte
L
H
H
H
L
H
L
High-Z
Dout
Dout
Read from upper byte
L
H
H
L
L
L
X
Din
Din
Din
Write
L
H
H
L
L
H
L
Dout
Dout
Dout
Read
L
H
L
L
L
L
X
Din
High-Z
A-1
Write
L
H
L
L
L
H
L
Dout
High-Z
A-1
Read
Parameter
Symbol
Value
Unit
Power supply voltage relative to Vss
Vcc
-0.5 to +4.6
V
Terminal voltage on any pin relation toVss
VT
-0.5*1 to Vcc+0.3*2
V
Power dissipation
PT
0.7
W
Operation temperature
Topr
-40 to +85
ºC
Storage temperature
Tstg
-65 to +150
ºC
Storage temperature range under bias
Tbias
-40 to +85
ºC


Similar Part No. - R1LV1616RSA-7SR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LV1616RSA-7SR RENESAS-R1LV1616RSA-7SR Datasheet
112Kb / 16P
16Mb Advanced LPSRAM (1M wordx16bit / 2M wordx8bit)
More results

Similar Description - R1LV1616RSA-7SR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LV1616R RENESAS-R1LV1616R_07 Datasheet
112Kb / 16P
16Mb Advanced LPSRAM (1M wordx16bit / 2M wordx8bit)
R1LV1616R_0709 RENESAS-R1LV1616R_0709 Datasheet
109Kb / 16P
16Mb Advanced LPSRAM (1M wordx16bit / 2M wordx8bit)
R1WV3216R RENESAS-R1WV3216R_08 Datasheet
91Kb / 16P
32Mb Advanced LPSRAM (2M wordx16bit)
R1LV1616R RENESAS-R1LV1616R Datasheet
122Kb / 16P
16Mb superSRAM (1M wordx16bit)
RMLV1616A RENESAS-RMLV1616A Datasheet
426Kb / 16P
16Mb Advanced LPSRAM (1M word 횞 16bit / 2M word x 8bit)
R1WV3216R RENESAS-R1WV3216R Datasheet
123Kb / 16P
32Mb superSRAM (2M wordx16bit)
RMWV3216A RENESAS-RMWV3216A Datasheet
474Kb / 15P
32Mb Advanced LPSRAM (2M word 횞 16bit)
RMLV1616A-U RENESAS-RMLV1616A-U Datasheet
337Kb / 15P
16Mbit LPSRAM (1M word × 16bit / 2M word x 8bit)
2022.12.05
RMLV0414E RENESAS-RMLV0414E Datasheet
294Kb / 12P
4Mb Advanced LPSRAM
RMLV0416E RENESAS-RMLV0416E Datasheet
312Kb / 15P
4Mb Advanced LPSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com