Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1LV1616RSA-5SR Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # R1LV1616RSA-5SR
Description  16Mb Advanced LPSRAM (1M wordx16bit / 2M wordx8bit)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1LV1616RSA-5SR Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button R1LV1616RSA-5SR Datasheet HTML 7Page - Renesas Technology Corp R1LV1616RSA-5SR Datasheet HTML 8Page - Renesas Technology Corp R1LV1616RSA-5SR Datasheet HTML 9Page - Renesas Technology Corp R1LV1616RSA-5SR Datasheet HTML 10Page - Renesas Technology Corp R1LV1616RSA-5SR Datasheet HTML 11Page - Renesas Technology Corp R1LV1616RSA-5SR Datasheet HTML 12Page - Renesas Technology Corp R1LV1616RSA-5SR Datasheet HTML 13Page - Renesas Technology Corp R1LV1616RSA-5SR Datasheet HTML 14Page - Renesas Technology Corp R1LV1616RSA-5SR Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
R1LV1616RBA Series
REJ03C0340-0001 Rev.0.01 2007.10.31
page 14 of 14
Data Retention Characteristics
Note 1. Typical parameter of
IccDR indicates the value for the center of distribution at Vcc=3.0V and not 100% tested.
2. BYTE# pin supported only by TSOP and uTSOP types. BYTE#
≥ Vcc-0.2V or BYTE# ≤ 0.2V
3. Also CS2 controls address buffer, WE# buffer ,CS1# buffer ,OE# buffer ,LB# ,UB# buffer and Din buffer .If CS2
controls data retention mode,Vin levels (address, WE# ,OE#,CS1#,LB#,UB#,I/O) can be in the high impedance
state. If CS1# controls data retention mode, CS2 must be CS2
≥ Vcc-0.2V or 0V
CS2 0.2V. The other input
levels (address, WE# ,OE#,CS1#,LB#,UB#,I/O) can be in the high impedance state.
Data Retention timing Waveform (1) (LB#,UB# Controlled)
Data Retention timing Waveform (2) (CS1# Controlled)
Data Retention timing Waveform (3) (CS2 Controlled)
LB#
UB#
Vcc
tCDR
tR
2.4V
2.4V
2.70V
LB# =UB#
≥ Vcc-0.2V
CS2
Vcc
tCDR
tR
0.2V
0.2V
2.70V
0V
≤ CS2 ≤ 0.2V
Vcc
CS1#
tCDR
tR
2.4V
2.4V
2.70V
CS1#
≥ Vcc-0.2V
Parameter
Symbol
MIn.
Typ.*1
Max.
Unit
Test conditions*2,3
Vcc for data retention
VDR
2.0
-
3.6
V
V in
≥ 0V
(1) 0V
≤ CS2 ≤ 0.2V or
(2) CS2
≥ Vcc-0.2V,
CS1#
≥ Vcc-0.2V or
(3) LB# =UB#
≥ Vcc-0.2V,
CS2
≥ Vcc-0.2V,
CS1#
≤ 0.2V
Data retention current
IccDR
-
2
6
µA
~+25ºC Vcc=3.0V,Vin≥0V
(1) 0V
≤ CS2 ≤ 0.2V or
(2) CS2
≥ Vcc-0.2V,
CS1#
≥ Vcc-0.2V or
(3) LB# =UB#
≥Vcc-0.2V,
CS2
≥ Vcc-0.2V,
CS1#
≤ 0.2V
Average value
-
4
12
µA
~+40ºC
-
-
25
µA
~+70ºC
-
-
40
µA
~+85ºC
Chip deselect to data retention time
tCDR
0
-
-
ns
See retention waveform
Operation recovery time
tR
5
-
-
ms


Similar Part No. - R1LV1616RSA-5SR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LV1616RSA-5SR RENESAS-R1LV1616RSA-5SR Datasheet
112Kb / 16P
   16Mb Advanced LPSRAM (1M wordx16bit / 2M wordx8bit)
More results

Similar Description - R1LV1616RSA-5SR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LV1616R RENESAS-R1LV1616R_07 Datasheet
112Kb / 16P
   16Mb Advanced LPSRAM (1M wordx16bit / 2M wordx8bit)
R1LV1616R_0709 RENESAS-R1LV1616R_0709 Datasheet
109Kb / 16P
   16Mb Advanced LPSRAM (1M wordx16bit / 2M wordx8bit)
R1WV3216R RENESAS-R1WV3216R_08 Datasheet
91Kb / 16P
   32Mb Advanced LPSRAM (2M wordx16bit)
R1LV1616R RENESAS-R1LV1616R Datasheet
122Kb / 16P
   16Mb superSRAM (1M wordx16bit)
RMLV1616A RENESAS-RMLV1616A Datasheet
426Kb / 16P
   16Mb Advanced LPSRAM (1M word 횞 16bit / 2M word x 8bit)
R1WV3216R RENESAS-R1WV3216R Datasheet
123Kb / 16P
   32Mb superSRAM (2M wordx16bit)
RMWV3216A RENESAS-RMWV3216A Datasheet
474Kb / 15P
   32Mb Advanced LPSRAM (2M word 횞 16bit)
RMLV1616A-U RENESAS-RMLV1616A-U Datasheet
337Kb / 15P
   16Mbit LPSRAM (1M word × 16bit / 2M word x 8bit)
2022.12.05
RMLV0414E RENESAS-RMLV0414E Datasheet
294Kb / 12P
   4Mb Advanced LPSRAM
RMLV0416E RENESAS-RMLV0416E Datasheet
312Kb / 15P
   4Mb Advanced LPSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com