Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1LV1616RSA-5SR Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R1LV1616RSA-5SR
Description  16Mb Advanced LPSRAM (1M wordx16bit / 2M wordx8bit)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1LV1616RSA-5SR Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R1LV1616RSA-5SR Datasheet HTML 3Page - Renesas Technology Corp R1LV1616RSA-5SR Datasheet HTML 4Page - Renesas Technology Corp R1LV1616RSA-5SR Datasheet HTML 5Page - Renesas Technology Corp R1LV1616RSA-5SR Datasheet HTML 6Page - Renesas Technology Corp R1LV1616RSA-5SR Datasheet HTML 7Page - Renesas Technology Corp R1LV1616RSA-5SR Datasheet HTML 8Page - Renesas Technology Corp R1LV1616RSA-5SR Datasheet HTML 9Page - Renesas Technology Corp R1LV1616RSA-5SR Datasheet HTML 10Page - Renesas Technology Corp R1LV1616RSA-5SR Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
R1LV1616RBA Series
REJ03C0340-0001 Rev.0.01 2007.10.31
page 7 of 14
Read Cycle
Parameter
Symbol
(note0)
Unit
Notes
Min.
Max.
Read cycle time
tRC
55
-
ns
Address access time
tAA
-
70
ns
Chip select access time
tACS1
-
55
ns
tACS2
-
55
ns
Output enable to output valid
tOE
-
35
ns
Output hold from address change
tOH
10
-
ns
LB#,UB# access time
tBA
-
55
ns
Chip select to output in low-Z
tCLZ
10
-
ns
2,3
LB#,UB# enable to low-Z
tBLZ
5
-
ns
2,3
Output enable to output in low-Z
tOLZ
5
-
ns
2,3
Chip deselect to output in high-Z
tCHZ1
0
20
ns
1,2,3
tCHZ2
0
20
ns
1,2,3
LB#,UB# disable to high-Z
tBHZ
0
20
ns
1,2,3
Output disable to output in high-Z
tOHZ
0
20
ns
1,2,3


Similar Part No. - R1LV1616RSA-5SR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LV1616RSA-5SR RENESAS-R1LV1616RSA-5SR Datasheet
112Kb / 16P
   16Mb Advanced LPSRAM (1M wordx16bit / 2M wordx8bit)
More results

Similar Description - R1LV1616RSA-5SR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LV1616R RENESAS-R1LV1616R_07 Datasheet
112Kb / 16P
   16Mb Advanced LPSRAM (1M wordx16bit / 2M wordx8bit)
R1LV1616R_0709 RENESAS-R1LV1616R_0709 Datasheet
109Kb / 16P
   16Mb Advanced LPSRAM (1M wordx16bit / 2M wordx8bit)
R1WV3216R RENESAS-R1WV3216R_08 Datasheet
91Kb / 16P
   32Mb Advanced LPSRAM (2M wordx16bit)
R1LV1616R RENESAS-R1LV1616R Datasheet
122Kb / 16P
   16Mb superSRAM (1M wordx16bit)
RMLV1616A RENESAS-RMLV1616A Datasheet
426Kb / 16P
   16Mb Advanced LPSRAM (1M word 횞 16bit / 2M word x 8bit)
R1WV3216R RENESAS-R1WV3216R Datasheet
123Kb / 16P
   32Mb superSRAM (2M wordx16bit)
RMWV3216A RENESAS-RMWV3216A Datasheet
474Kb / 15P
   32Mb Advanced LPSRAM (2M word 횞 16bit)
RMLV1616A-U RENESAS-RMLV1616A-U Datasheet
337Kb / 15P
   16Mbit LPSRAM (1M word × 16bit / 2M word x 8bit)
2022.12.05
RMLV0414E RENESAS-RMLV0414E Datasheet
294Kb / 12P
   4Mb Advanced LPSRAM
RMLV0416E RENESAS-RMLV0416E Datasheet
312Kb / 15P
   4Mb Advanced LPSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com