Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1EX25032ASA00I Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # R1EX25032ASA00I
Description  Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1EX25032ASA00I Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button R1EX25032ASA00I Datasheet HTML 14Page - Renesas Technology Corp R1EX25032ASA00I Datasheet HTML 15Page - Renesas Technology Corp R1EX25032ASA00I Datasheet HTML 16Page - Renesas Technology Corp R1EX25032ASA00I Datasheet HTML 17Page - Renesas Technology Corp R1EX25032ASA00I Datasheet HTML 18Page - Renesas Technology Corp R1EX25032ASA00I Datasheet HTML 19Page - Renesas Technology Corp R1EX25032ASA00I Datasheet HTML 20Page - Renesas Technology Corp R1EX25032ASA00I Datasheet HTML 21Page - Renesas Technology Corp R1EX25032ASA00I Datasheet HTML 22Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
R1EX25032Axx00I/R1EX25064Axx00I
REJ03C0362-0001. Rev.0.01 Feb.21.2008
Hold Condition
The hold (
HOLD) signal is used to pause any serial communications with the device without resetting the clocking
sequence.
During the hold condition, the serial data output (Q) is high impedance, and serial data input (D) and serial clock (C)
are don’t care.
To enter the hold condition, the device must be selected, with chip select (
S) low.
Normally, the device is kept selected, for the whole duration of the hold condition. Deselecting the device while it is in
the hold condition, has the effect of resetting the state of the device, and this mechanism can be used if it is required to
reset any processes that had been in progress.
The hold condition starts when the hold (
HOLD) signal is driven low at the same time as serial clock (C) already being
low (as shown in the following figure).
The hold condition ends when the hold (
HOLD) signal is driven high at the same time as serial clock (C) already being
low.
The following figure also shows what happens if the rising and falling edges are not timed to coincide with serial clock
(C) being low.
Hold Condition Activation
C
HOLD
HOLD status
HOLD status
Notes
Data Protection at VCC On/Off
When VCC is turned on or off, noise on S inputs generated by external circuits (CPU, etc) may act as a trigger and turn
the EEPROM to unintentional program mode. To prevent this unintentional programming, this EEPROM have a power
on reset function. Be careful of the notices described below in order for the power on reset function to operate
correctly.
• S should be fixed to VCC during VCC on/off. Low to high or high to low transition during VCC on/off may
cause the trigger for the unintentional programming.
• VCC should be turned on/off after the EEPROM is placed in a standby state.
• VCC should be turned on from the ground level (VSS) in order for the EEPROM not to enter the unintentional
programming mode.
• VCC turn on speed should be slower than 10 µs/V.
• When WRSR or WRITE instruction is executed before VCC turns off, VCC should be turned off after waiting
write cycle time (tW).
page 18 of 20


Similar Part No. - R1EX25032ASA00I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX25032ASA00I#S0 RENESAS-R1EX25032ASA00I#S0 Datasheet
274Kb / 22P
Serial Peripheral Interface 32k EEPROM (4-kword 횞 8-bit) 64k EEPROM (8-kword 횞 8-bit)
R1EX25032ASA00I RENESAS-R1EX25032ASA00I_15 Datasheet
274Kb / 22P
Serial Peripheral Interface 32k EEPROM (4-kword 횞 8-bit) 64k EEPROM (8-kword 횞 8-bit)
More results

Similar Description - R1EX25032ASA00I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X2502IAG RENESAS-HN58X2502IAG Datasheet
561Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2532IAG RENESAS-HN58X2532IAG Datasheet
590Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X25128IAG RENESAS-HN58X25128IAG Datasheet
598Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2502I RENESAS-HN58X2502I Datasheet
177Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2508I RENESAS-HN58X2508I_05 Datasheet
181Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2508IAG RENESAS-HN58X2508IAG Datasheet
593Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2532I RENESAS-HN58X2532I Datasheet
181Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
R1EX25002ASA00A RENESAS-R1EX25002ASA00A Datasheet
764Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
R1EX25002ASA00I RENESAS-R1EX25002ASA00I Datasheet
764Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
R1EX25032ASA00A RENESAS-R1EX25032ASA00A Datasheet
794Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com