Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1EX25032ASA00I Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # R1EX25032ASA00I
Description  Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1EX25032ASA00I Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button R1EX25032ASA00I Datasheet HTML 11Page - Renesas Technology Corp R1EX25032ASA00I Datasheet HTML 12Page - Renesas Technology Corp R1EX25032ASA00I Datasheet HTML 13Page - Renesas Technology Corp R1EX25032ASA00I Datasheet HTML 14Page - Renesas Technology Corp R1EX25032ASA00I Datasheet HTML 15Page - Renesas Technology Corp R1EX25032ASA00I Datasheet HTML 16Page - Renesas Technology Corp R1EX25032ASA00I Datasheet HTML 17Page - Renesas Technology Corp R1EX25032ASA00I Datasheet HTML 18Page - Renesas Technology Corp R1EX25032ASA00I Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
R1EX25032Axx00I/R1EX25064Axx00I
REJ03C0362-0001. Rev.0.01 Feb.21.2008
Write to Memory Array (WRITE):
As shown in the following figure, to send this instruction to the device, chip select (
S) is first driven low. The bits of
the instruction byte, address byte, and at least one data byte are then shifted in, on serial data input (D).
The instruction is terminated by driving chip select (
S) high at a byte boundary of the input data. In the case of the
following figure, this occurs after the eighth bit of the data byte has been latched in, indicating that the instruction is
being used to write a single byte. The self-timed Write cycle starts, and continues for a period tWC (as specified in AC
Characteristics). At the end of the cycle, the Write In Progress (WIP) bit is reset to 0.
If, though, chip select (
S) continues to be driven low, as shown in the following figure, the next byte of the input data is
shifted in, so that more than a single byte, starting from the given address towards the end of the same page, can be
written in a single internal Write cycle.
Each time a new data byte is shifted in, the least significant bits of the internal address counter are incremented. If the
number of data bytes sent to the device exceeds the page boundary, the internal address counter rolls over to the
beginning of the page, and the previous data there are overwritten with the incoming data. (The page size of these
device is 32 bytes).
The instruction is not accepted, and is not executed, under the following conditions:
 If the Write Enable Latch (WEL) bit has not been set to 1 (by executing a Write Enable instruction just before)
 If a Write cycle is already in progress
 If the addressed page is in the region protected by the Block Protect (BP1 and BP0) bits.
Byte Write (WRITE) Sequence (1 Byte)
S
W
C
D
Q
16-Bit Address
Data Byte 1
01
2
3
4
5
6
7
0
1
2
3
13
14
15
8
9 10
20 21 22 23 24 25 26 27 28 29 30 31
High-Z
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
4
5
6
7
0
1
2
3
Instruction
Note:
1. Depending on the memory size, as shown in Address Range Bits table, the most significant address bits are
don’t care.
page 15 of 20


Similar Part No. - R1EX25032ASA00I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX25032ASA00I#S0 RENESAS-R1EX25032ASA00I#S0 Datasheet
274Kb / 22P
Serial Peripheral Interface 32k EEPROM (4-kword 횞 8-bit) 64k EEPROM (8-kword 횞 8-bit)
R1EX25032ASA00I RENESAS-R1EX25032ASA00I_15 Datasheet
274Kb / 22P
Serial Peripheral Interface 32k EEPROM (4-kword 횞 8-bit) 64k EEPROM (8-kword 횞 8-bit)
More results

Similar Description - R1EX25032ASA00I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X2502IAG RENESAS-HN58X2502IAG Datasheet
561Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2532IAG RENESAS-HN58X2532IAG Datasheet
590Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X25128IAG RENESAS-HN58X25128IAG Datasheet
598Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2502I RENESAS-HN58X2502I Datasheet
177Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2508I RENESAS-HN58X2508I_05 Datasheet
181Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2508IAG RENESAS-HN58X2508IAG Datasheet
593Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2532I RENESAS-HN58X2532I Datasheet
181Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
R1EX25002ASA00A RENESAS-R1EX25002ASA00A Datasheet
764Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
R1EX25002ASA00I RENESAS-R1EX25002ASA00I Datasheet
764Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
R1EX25032ASA00A RENESAS-R1EX25032ASA00A Datasheet
794Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com