Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1EX25032ASA00I Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # R1EX25032ASA00I
Description  Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1EX25032ASA00I Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button R1EX25032ASA00I Datasheet HTML 10Page - Renesas Technology Corp R1EX25032ASA00I Datasheet HTML 11Page - Renesas Technology Corp R1EX25032ASA00I Datasheet HTML 12Page - Renesas Technology Corp R1EX25032ASA00I Datasheet HTML 13Page - Renesas Technology Corp R1EX25032ASA00I Datasheet HTML 14Page - Renesas Technology Corp R1EX25032ASA00I Datasheet HTML 15Page - Renesas Technology Corp R1EX25032ASA00I Datasheet HTML 16Page - Renesas Technology Corp R1EX25032ASA00I Datasheet HTML 17Page - Renesas Technology Corp R1EX25032ASA00I Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
R1EX25032Axx00I/R1EX25064Axx00I
REJ03C0362-0001. Rev.0.01 Feb.21.2008
Read from Memory Array (READ):
As shown in the following figure, to send this instruction to the device, chip select (
S) is first driven low. The bits of
the instruction byte and the address bytes are then shifted in, on serial data input (D). The addresses are loaded into an
internal address register, and the byte of data at that address is shifted out, on serial data output (Q).
If chip select (
S) continues to be driven low, the internal address register is automatically incremented, and the byte of
data at the new address is shifted out.
When the highest address is reached, the address counter rolls over to zero, allowing the Read cycle to be continued
indefinitely. The whole memory can, therefore, be read with a single READ instruction.
The Read cycle is terminated by driving chip select (
S) high. The rising edge of the chip select (S) signal can occur at
any time during the cycle. The addressed first byte can be any byte within any page. The instruction is not accepted,
and is not executed, if a Write cycle is currently in progress.
Read from Memory Array (READ) Sequence
S
W
C
D
Q
16-Bit Address
Data Out 2
Data Out 1
01
2
3
4
5
6
7
A0
A1
A2
A3
A13
A14
A15
8
9 10
20 21 22 23 24 25 26 27 28 29 30 31
High-Z
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
0
1
2
3
4
5
6
77
Instruction
Note:
1. Depending on the memory size, as shown in the following table, the most significant address bits are don’t
care.
Address Range Bits
Device
R1EX25064A
R1EX25032A
Address bits
A12 to A0
A11 to A0
Notes: 1. b15-b13 are don’t care on the R1EX25064A
2. b15-b12 are don’t care on the R1EX25032A
page 14 of 20


Similar Part No. - R1EX25032ASA00I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX25032ASA00I#S0 RENESAS-R1EX25032ASA00I#S0 Datasheet
274Kb / 22P
Serial Peripheral Interface 32k EEPROM (4-kword 횞 8-bit) 64k EEPROM (8-kword 횞 8-bit)
R1EX25032ASA00I RENESAS-R1EX25032ASA00I_15 Datasheet
274Kb / 22P
Serial Peripheral Interface 32k EEPROM (4-kword 횞 8-bit) 64k EEPROM (8-kword 횞 8-bit)
More results

Similar Description - R1EX25032ASA00I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X2502IAG RENESAS-HN58X2502IAG Datasheet
561Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2532IAG RENESAS-HN58X2532IAG Datasheet
590Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X25128IAG RENESAS-HN58X25128IAG Datasheet
598Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2502I RENESAS-HN58X2502I Datasheet
177Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2508I RENESAS-HN58X2508I_05 Datasheet
181Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2508IAG RENESAS-HN58X2508IAG Datasheet
593Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2532I RENESAS-HN58X2532I Datasheet
181Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
R1EX25002ASA00A RENESAS-R1EX25002ASA00A Datasheet
764Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
R1EX25002ASA00I RENESAS-R1EX25002ASA00I Datasheet
764Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
R1EX25032ASA00A RENESAS-R1EX25032ASA00A Datasheet
794Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com