Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HN58X2508IAG Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HN58X2508IAG
Description  Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HN58X2508IAG Datasheet(HTML) 2 Page - Renesas Technology Corp

  HN58X2508IAG Datasheet HTML 1Page - Renesas Technology Corp HN58X2508IAG Datasheet HTML 2Page - Renesas Technology Corp HN58X2508IAG Datasheet HTML 3Page - Renesas Technology Corp HN58X2508IAG Datasheet HTML 4Page - Renesas Technology Corp HN58X2508IAG Datasheet HTML 5Page - Renesas Technology Corp HN58X2508IAG Datasheet HTML 6Page - Renesas Technology Corp HN58X2508IAG Datasheet HTML 7Page - Renesas Technology Corp HN58X2508IAG Datasheet HTML 8Page - Renesas Technology Corp HN58X2508IAG Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
HN58X2508IAG Series, HN58X2516IAG Series
Ordering Information
Type No.
Internal organization
Operating voltage
Frequency
Package
HN58X2508FPIAG
8-kbit (1024
× 8-bit)
1.8 V to 5.5 V
5 MHz
(2.5 V to 5.5 V)
HN58X2516FPIAG
16-kbit (2048
× 8-bit)
3 MHz
(1.8 V to 5.5V)
150mil 8-pin plastic SOP
PRSP0008DF-B
(FP-8DBV)
Lead free
HN58X2508TIAG
8-kbit (1024
× 8-bit)
1.8 V to 5.5 V
5 MHz
(2.5 V to 5.5 V)
HN58X2516TIAG
16-kbit (2048
× 8-bit)
3 MHz
(1.8 V to 5.5 V)
8-pin plastic TSSOP
PTSP0008JC-B
(TTP-8DAV)
Lead free
Pin Arrangement
8-pin SOP/TSSOP
(Top view)
1
2
3
4
8
7
6
5
VCC
HOLD
C
D
S
Q
W
VSS
Pin Description
Pin name
Function
C
Serial clock
D
Serial data input
Q
Serial data output
S
Chip select
W
Write protect
HOLD
Hold
VCC
Supply voltage
VSS
Ground
Rev.1.00, Nov.08.2006, page 2 of 20


Similar Part No. - HN58X2508IAG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X2508I RENESAS-HN58X2508I Datasheet
180Kb / 29P
   Electrically Erasable and Programmable Read Only Memory
HN58X2508I RENESAS-HN58X2508I_05 Datasheet
181Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
More results

Similar Description - HN58X2508IAG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX25032ASA00A RENESAS-R1EX25032ASA00A Datasheet
794Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X25128IAG RENESAS-HN58X25128IAG Datasheet
598Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
R1EX25002ASA00A RENESAS-R1EX25002ASA00A Datasheet
764Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2502I RENESAS-HN58X2502I Datasheet
177Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2508I RENESAS-HN58X2508I_05 Datasheet
181Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2532I RENESAS-HN58X2532I Datasheet
181Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2532IAG RENESAS-HN58X2532IAG Datasheet
590Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
R1EX25002ASA00I RENESAS-R1EX25002ASA00I Datasheet
764Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2502IAG RENESAS-HN58X2502IAG Datasheet
561Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
R1EX25032ASA00I RENESAS-R1EX25032ASA00I Datasheet
794Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com