Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HN58X25128IAG Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # HN58X25128IAG
Description  Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HN58X25128IAG Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button HN58X25128IAG Datasheet HTML 13Page - Renesas Technology Corp HN58X25128IAG Datasheet HTML 14Page - Renesas Technology Corp HN58X25128IAG Datasheet HTML 15Page - Renesas Technology Corp HN58X25128IAG Datasheet HTML 16Page - Renesas Technology Corp HN58X25128IAG Datasheet HTML 17Page - Renesas Technology Corp HN58X25128IAG Datasheet HTML 18Page - Renesas Technology Corp HN58X25128IAG Datasheet HTML 19Page - Renesas Technology Corp HN58X25128IAG Datasheet HTML 20Page - Renesas Technology Corp HN58X25128IAG Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
HN58X25128IAG/HN58X25256IAG
Data Protect
The protection features of the device are summarized in the following table. When the Status Register Write Disable
(SRWD) bit of the Status Register is 0 (its initial delivery state), it is possible to write to the Status Register provided
that the Write Enable Latch (WEL) bit has previously been set by a Write Enable (WREN) instruction, regardless
weather write protect (
W) is driven high or low.
When the Status Register Write Disable (SRWD) bit of the Status Register is set to 1, two cases need to be considered,
depending on the state of write protect (
W):
 If write protect (W) is driven high, it is possible to write to the Status Register provided that the Write Enable
Latch (WEL) bit has previously been set by a Write Enable (WREN) instruction.
 If write protect (W) is driven low, it is not possible to write to the Status Register even if the Write Enable Latch
(WEL) bit has previously been set by a Write Enable (WREN) instruction. (Attempts to write to the Status
Register are rejected, and are not accepted for execution). As a consequence, all the data bytes in the memory
area that are software protected (SPM) by the Block Protect (BP1, BP0) bits of the Status Register, are also
hardware protected against data modification.
Regardless of the order of the two events, the Hardware Protected Mode (HPM) can be entered:
 By setting the Status Register Write Disable (SRWD) bit after driving write protect (W) low.
 By driving write protect (W) low after setting the Status Register Write Disable (SRWD) bit.
The only way to exit the Hardware Protected Mode (HPM) once entered is to pull write protect (
W) high.
If write protect (
W) is permanently tied high, the Hardware Protected Mode (HPM) can never be activated, and only the
Software Protected Mode (SPM), using the Block Protect (BP1, BP0) bits of the Status Register, can be used.
Write Protected Block Size
Status register bits
Array addresses protected
BP1
BP0
Protected blocks
HN58X25256IAG
HN58X25128IAG
0
0
None
None
None
0
1
Upper quarter
6000h
− 7FFFh
3000h
− 3FFFh
1
0
Upper half
4000h
− 7FFFh
2000h
− 3FFFh
1
1
Whole memory
0000h
− 7FFFh
0000h
− 3FFFh
Protection Modes
Memory protect
W signal
SRWD bit
Mode
Write protection of the
status register
Protected area*
1
Unprotected area*
1
1
0
Software
protected (SPM)
Status register is writable
(if the WREN) instruction
has set the WEL bit).
The values in the BP1
and BP0 bits can be
changed.
Write protected
Ready to accept Write
instructions
0
0
1
1
0
1
Hardware
protected (HPM)
Status register is
hardware write
protected. The values in
the BP1 and BP0 bits
cannot be changed.
Write protected
Ready to accept Write
instructions
Note:
1. As defined by the values in the Block Protected (BP1, BP0) bits of the Status Register, as shown in the
former table.
Rev.1.00, Nov.30.2006, page 17 of 20


Similar Part No. - HN58X25128IAG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X25128I RENESAS-HN58X25128I Datasheet
182Kb / 22P
Serial Peripheral Interface 128k EEPROM (16-kword 횞 8-bit) 256k EEPROM (32-kword 횞 8-bit) Electrically Erasable and Programmable Read Only Memory
More results

Similar Description - HN58X25128IAG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X2502IAG RENESAS-HN58X2502IAG Datasheet
561Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2532IAG RENESAS-HN58X2532IAG Datasheet
590Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2502I RENESAS-HN58X2502I Datasheet
177Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2508I RENESAS-HN58X2508I_05 Datasheet
181Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2508IAG RENESAS-HN58X2508IAG Datasheet
593Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2532I RENESAS-HN58X2532I Datasheet
181Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
R1EX25002ASA00A RENESAS-R1EX25002ASA00A Datasheet
764Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
R1EX25002ASA00I RENESAS-R1EX25002ASA00I Datasheet
764Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
R1EX25032ASA00A RENESAS-R1EX25032ASA00A Datasheet
794Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
R1EX25032ASA00I RENESAS-R1EX25032ASA00I Datasheet
794Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com