Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HN58X25128IAG Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # HN58X25128IAG
Description  Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HN58X25128IAG Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button HN58X25128IAG Datasheet HTML 10Page - Renesas Technology Corp HN58X25128IAG Datasheet HTML 11Page - Renesas Technology Corp HN58X25128IAG Datasheet HTML 12Page - Renesas Technology Corp HN58X25128IAG Datasheet HTML 13Page - Renesas Technology Corp HN58X25128IAG Datasheet HTML 14Page - Renesas Technology Corp HN58X25128IAG Datasheet HTML 15Page - Renesas Technology Corp HN58X25128IAG Datasheet HTML 16Page - Renesas Technology Corp HN58X25128IAG Datasheet HTML 17Page - Renesas Technology Corp HN58X25128IAG Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
HN58X25128IAG/HN58X25256IAG
Read from Memory Array (READ):
As shown in the following figure, to send this instruction to the device, chip select (
S) is first driven low. The bits of
the instruction byte and the address bytes are then shifted in, on serial data input (D). The addresses are loaded into an
internal address register, and the byte of data at that address is shifted out, on serial data output (Q).
If chip select (
S) continues to be driven low, the internal address register is automatically incremented, and the byte of
data at the new address is shifted out.
When the highest address is reached, the address counter rolls over to zero, allowing the Read cycle to be continued
indefinitely. The whole memory can, therefore, be read with a single READ instruction.
The Read cycle is terminated by driving chip select (
S) high. The rising edge of the chip select (S) signal can occur at
any time during the cycle. The addressed first byte can be any byte within any page. The instruction is not accepted,
and is not executed, if a Write cycle is currently in progress.
Read from Memory Array (READ) Sequence
S
W
C
D
Q
16-Bit Address
Data Out 2
Data Out 1
01
2
3
4
5
6
7
0
1
2
3
13
14
15
8
9
10
20 21 22 23 24 25 26 27 28 29 30 31
High-Z
V
IH
V
IL
V
IH
V
IL
V
IH
V
IL
V
IH
V
IL
0
1
2
3
4
5
6
77
Instruction
Note:
1. Depending on the memory size, as shown in the following table, the most significant address bits are don’t
care.
Address Range Bits
Device
HN58X25256IAG
HN58X25128IAG
Address bits
A14 to A0
A13 to A0
Notes: 1. b15 is don’t care on the HN58X25256IAG
2. b15 and b14 are don’t care on the HN58X25128IAG
Rev.1.00, Nov.30.2006, page 14 of 20


Similar Part No. - HN58X25128IAG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X25128I RENESAS-HN58X25128I Datasheet
182Kb / 22P
Serial Peripheral Interface 128k EEPROM (16-kword 횞 8-bit) 256k EEPROM (32-kword 횞 8-bit) Electrically Erasable and Programmable Read Only Memory
More results

Similar Description - HN58X25128IAG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X2502IAG RENESAS-HN58X2502IAG Datasheet
561Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2532IAG RENESAS-HN58X2532IAG Datasheet
590Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2502I RENESAS-HN58X2502I Datasheet
177Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2508I RENESAS-HN58X2508I_05 Datasheet
181Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2508IAG RENESAS-HN58X2508IAG Datasheet
593Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2532I RENESAS-HN58X2532I Datasheet
181Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
R1EX25002ASA00A RENESAS-R1EX25002ASA00A Datasheet
764Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
R1EX25002ASA00I RENESAS-R1EX25002ASA00I Datasheet
764Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
R1EX25032ASA00A RENESAS-R1EX25032ASA00A Datasheet
794Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
R1EX25032ASA00I RENESAS-R1EX25032ASA00I Datasheet
794Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com