Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HN58X25128IAG Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HN58X25128IAG
Description  Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HN58X25128IAG Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HN58X25128IAG Datasheet HTML 9Page - Renesas Technology Corp HN58X25128IAG Datasheet HTML 10Page - Renesas Technology Corp HN58X25128IAG Datasheet HTML 11Page - Renesas Technology Corp HN58X25128IAG Datasheet HTML 12Page - Renesas Technology Corp HN58X25128IAG Datasheet HTML 13Page - Renesas Technology Corp HN58X25128IAG Datasheet HTML 14Page - Renesas Technology Corp HN58X25128IAG Datasheet HTML 15Page - Renesas Technology Corp HN58X25128IAG Datasheet HTML 16Page - Renesas Technology Corp HN58X25128IAG Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
HN58X25128IAG/HN58X25256IAG
Write Status Register (WRSR):
The Write Status Register (WRSR) instruction allows new values to be written to the Status Register. Before it can be
accepted, a Write Enable (WREN) instruction must previously have been executed. After the Write Enable (WREN)
instruction has been decoded and executed, the device sets the Write Enable Latch(WEL). The instruction sequence is
shown in the following figure. The Write Status Register (WRSR) instruction has no effect on b6, b5, b4, b1 and b0 of
the Status Register. b6, b5 and b4 are always read as 0. Chip select (
S) must be driven high after the rising edge of
serial clock (C) that latches in the eighth bit of the data byte, and before the next rising edge of serial clock (C).
Otherwise, the Write Status Register (WRSR) instruction is not executed. As soon as chip select (
S) is driven high, the
self-timed Write Status Register cycle (whose duration is tW) is initiated. While the Write Status Register cycle is in
progress, the Status Register may still be read to check the value of the Write In Progress (WIP) bit. The Write In
Progress (WIP) bit is 1 during the self-timed Write Status Register cycle, and is 0 when it is completed. When the
cycle is completed, Write Enable Latch(WEL) is reset. The Write Status Register (WRSR) instruction allows the user
to change the values of the Block Protect (BP1, BP0) bits, to define the size of the area that is to be treated as read-only,
as defined in the Status Register Format table.
The Write Status Register (WRSR) instruction also allows the user to set or reset the Status Register Write Disable
(SRWD) bit in accordance with the write protect (
W) signal. The Status Register Write Disable (SRWD) bit and write
protect (
W) signal allows the device to be put in the Hardware Protected Mode (HPM). The Write Status Register
(WRSR) instruction is not executed once the Hardware Protected Mode (HPM) is entered.
The contents of the Status Register Write Disable (SRWD) and Block Protect (BP1, BP0) bits are frozen at their current
values just before the start of the execution of the Write Status Register (WRSR) instruction. The new, updated values
take effect at the moment of completion of the execution of Write Status Register (WRSR) instruction.
Write Status Register (WRSR) Sequence
S
W
C
D
Q
Status Register In
MSB
01
2
3
4
5
6
7
0
1
2
3
4
5
6
7
8
9
10
11 12
13 14
15
High-Z
V
IH
V
IL
V
IH
V
IL
V
IH
V
IL
V
IH
V
IL
Rev.1.00, Nov.30.2006, page 13 of 20


Similar Part No. - HN58X25128IAG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X25128I RENESAS-HN58X25128I Datasheet
182Kb / 22P
Serial Peripheral Interface 128k EEPROM (16-kword 횞 8-bit) 256k EEPROM (32-kword 횞 8-bit) Electrically Erasable and Programmable Read Only Memory
More results

Similar Description - HN58X25128IAG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X2502IAG RENESAS-HN58X2502IAG Datasheet
561Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2532IAG RENESAS-HN58X2532IAG Datasheet
590Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2502I RENESAS-HN58X2502I Datasheet
177Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2508I RENESAS-HN58X2508I_05 Datasheet
181Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2508IAG RENESAS-HN58X2508IAG Datasheet
593Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2532I RENESAS-HN58X2532I Datasheet
181Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
R1EX25002ASA00A RENESAS-R1EX25002ASA00A Datasheet
764Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
R1EX25002ASA00I RENESAS-R1EX25002ASA00I Datasheet
764Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
R1EX25032ASA00A RENESAS-R1EX25032ASA00A Datasheet
794Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
R1EX25032ASA00I RENESAS-R1EX25032ASA00I Datasheet
794Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com