Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HN58X2532IAG Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # HN58X2532IAG
Description  Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HN58X2532IAG Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button HN58X2532IAG Datasheet HTML 8Page - Renesas Technology Corp HN58X2532IAG Datasheet HTML 9Page - Renesas Technology Corp HN58X2532IAG Datasheet HTML 10Page - Renesas Technology Corp HN58X2532IAG Datasheet HTML 11Page - Renesas Technology Corp HN58X2532IAG Datasheet HTML 12Page - Renesas Technology Corp HN58X2532IAG Datasheet HTML 13Page - Renesas Technology Corp HN58X2532IAG Datasheet HTML 14Page - Renesas Technology Corp HN58X2532IAG Datasheet HTML 15Page - Renesas Technology Corp HN58X2532IAG Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
HN58X2532IAG/HN58X2564IAG
Read Status Register (RDSR):
The Read Status Register (RDSR) instruction allows the Status Register to be read. The Status Register may be read at
any time, even while a Write or Write Status Register cycle is in progress. When one of these cycles is in progress, it is
recommended to check the Write In Progress (WIP) bit before sending a new instruction to the device. It is also
possible to read the Status Register continuously, as shown in the following figure.
Read Status Register (RDSR) Sequence
S
W
C
D
Q
Status Register Out
01
2
3
4
5
6
7
0
1
2
3
4
5
6
77
8
9
10
11 12
13 14
15
High-Z
V
IH
V
IL
V
IH
V
IL
V
IH
V
IL
V
IH
V
IL
The status and control bits of the Status Register are as follows:
WIP bit: The Write In Progress (WIP) bit indicates whether the memory is busy with a Write or Write Status Register
cycle. When set to 1, such a cycle is in progress. When reset to 0, no such cycles are in progress.
WEL bit: The Write Enable Latch (WEL) bit indicates the status of the internal Write Enable Latch. When set to 1, the
internal Write Enable Latch is set. When set to 0, the internal Write Enable Latch is reset and no Write or Write Status
Register instructions are accepted.
BP1, BP0 bits: The Block Protect (BP1, BP0) bits are non-volatile. They define the size of the area to be software
protected against Write instructions. These bits are written with the Write Status Register (WRSR) instruction. When
one or both of the Block Protect (BP1, BP0) bits are set to 1, the relevant memory area (as defined in the Status
Register Format table) becomes protected against Write (WRITE) instructions. The Block Protect (BP1, BP0) bits can
be written provided that the Hardware Protected mode has not been set.
SRWD bit: The Status Register Write Disable (SRWD) bit is operated in conjunction with the write protect (
W) signal.
The Status Register Write Disable (SRWD) bit and write protect (
W) signal allows the device to be put in the Hardware
Protected mode (When the Status Register Write Disable (SRWD) bit is set to 1, and write protect (
W) signal is driven
low). In this mode, the non-volatile bits of the Status Register (SRWD, BP1, BP0) become read-only bits and the Write
Status Register (WRSR) instruction is no longer accepted for execution.
Rev.1.00, Nov.16.2006, page 12 of 20


Similar Part No. - HN58X2532IAG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X2532I RENESAS-HN58X2532I Datasheet
181Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
More results

Similar Description - HN58X2532IAG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX25032ASA00A RENESAS-R1EX25032ASA00A Datasheet
794Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X25128IAG RENESAS-HN58X25128IAG Datasheet
598Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
R1EX25002ASA00A RENESAS-R1EX25002ASA00A Datasheet
764Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2502I RENESAS-HN58X2502I Datasheet
177Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2508I RENESAS-HN58X2508I_05 Datasheet
181Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2508IAG RENESAS-HN58X2508IAG Datasheet
593Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2532I RENESAS-HN58X2532I Datasheet
181Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
R1EX25002ASA00I RENESAS-R1EX25002ASA00I Datasheet
764Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2502IAG RENESAS-HN58X2502IAG Datasheet
561Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
R1EX25032ASA00I RENESAS-R1EX25032ASA00I Datasheet
794Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com