Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC145026 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MC145026
Description  Encoder and Decoder Pairs CMOS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC145026 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC145026 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC145026 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC145026 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC145026 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC145026 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC145026 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC145026 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC145026 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC145026 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
MC145026, MC145027, MC145028 Technical Data, Rev. 4
10
Freescale Semiconductor
Pin Descriptions
If an external signal source is used instead of the internal oscillator, it should be connected to the RS input
and the RTC and CTC pins should be left open.
TE
Transmit Enable (Pin 14)
This active-low transmit enable input initiates transmission when forced low. An internal pull-up device
keeps this input normally high. The pull-up current is specified in the Electrical Characteristics table.
Dout
Data Out (Pin 15)
This is the output of the encoder that serially presents the encoded data word.
VSS
Negative Power Supply (Pin 8)
The most-negative supply potential. This pin is usually ground.
VDD
Positive Power Supply (Pin 16)
The most-positive power supply pin.
4.2
MC145027 and MC145028 Decoders
A1 - A5, A1 - A9
Address Inputs (Pins 1 - 5)-MC145027,
Address Inputs (Pins 1 - 5, 15, 14, 13, 12)-MC145028
These are the local address inputs. The states of these pins must match the appropriate encoder inputs for
the VT pin to go high. The local address may be encoded with trinary or binary data.
D6 - D9
Data Outputs (Pins 15, 14, 13, 12)-MC145027 Only
These outputs present the binary information that is on encoder inputs A6/D6 through A9/D9. Only binary
data is acknowledged; a trinary open at the MC145026 encoder is decoded as a high level (logic 1).
Din
Data In (Pin 9)
This pin is the serial data input to the decoder. The input voltage must be at CMOS logic levels. The signal
source driving this pin must be dc coupled.


Similar Part No. - MC145026

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145026 MOTOROLA-MC145026 Datasheet
490Kb / 18P
   Encoder and Decoder Pairs CMOS
logo
Freescale Semiconductor...
MC145026 FREESCALE-MC145026 Datasheet
157Kb / 20P
    Encoder and Decoder Pairs
logo
Motorola, Inc
MC145026D MOTOROLA-MC145026D Datasheet
490Kb / 18P
   Encoder and Decoder Pairs CMOS
logo
LANSDALE Semiconductor ...
MC145026D LANSDALE-MC145026D Datasheet
1Mb / 19P
   Encoder and Decoder Pairs
logo
Freescale Semiconductor...
MC145026D FREESCALE-MC145026D Datasheet
157Kb / 20P
    Encoder and Decoder Pairs
More results

Similar Description - MC145026

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SC41344 MOTOROLA-SC41344 Datasheet
490Kb / 18P
   Encoder and Decoder Pairs CMOS
logo
LANSDALE Semiconductor ...
ML145026 LANSDALE-ML145026 Datasheet
1Mb / 19P
   Encoder and Decoder Pairs
logo
Freescale Semiconductor...
MC145027DWR2 FREESCALE-MC145027DWR2 Datasheet
157Kb / 20P
    Encoder and Decoder Pairs
logo
List of Unclassifed Man...
SPRC201A ETC1-SPRC201A Datasheet
1Mb / 18P
   10 FUNCTIONS REMOTE CONTROL ENCODER/DECODER PAIRS
logo
Intersil Corporation
HD-15531 INTERSIL-HD-15531 Datasheet
115Kb / 8P
   CMOS Manchester Encoder-Decoder
March 1997
HD3-6409-9 INTERSIL-HD3-6409-9 Datasheet
347Kb / 15P
   CMOS Manchester Encoder-Decoder
October 1, 2015
logo
Renesas Technology Corp
HD-15531 RENESAS-HD-15531 Datasheet
732Kb / 16P
   CMOS Manchester Encoder-Decoder
March 1997
HD-6409 RENESAS-HD-6409 Datasheet
687Kb / 15P
   CMOS Manchester Encoder-Decoder
logo
Intersil Corporation
HD-15530 INTERSIL-HD-15530 Datasheet
169Kb / 12P
   CMOS Manchester Encoder-Decoder
March 1997
HD1-15530-9 INTERSIL-HD1-15530-9 Datasheet
276Kb / 13P
   CMOS Manchester Encoder-Decoder
March 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com