Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCT5201M_0810 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # MCT5201M_0810
Description  Low Input Current Phototransistor Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MCT5201M_0810 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button MCT5201M_0810 Datasheet HTML 3Page - Fairchild Semiconductor MCT5201M_0810 Datasheet HTML 4Page - Fairchild Semiconductor MCT5201M_0810 Datasheet HTML 5Page - Fairchild Semiconductor MCT5201M_0810 Datasheet HTML 6Page - Fairchild Semiconductor MCT5201M_0810 Datasheet HTML 7Page - Fairchild Semiconductor MCT5201M_0810 Datasheet HTML 8Page - Fairchild Semiconductor MCT5201M_0810 Datasheet HTML 9Page - Fairchild Semiconductor MCT5201M_0810 Datasheet HTML 10Page - Fairchild Semiconductor MCT5201M_0810 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
©1983 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MCT5201M, MCT5210M, MCT5211M Rev. 1.1.0
7
Typical Performance Curves (Continued)
Fig. 7 Collector-Emitter Dark Current vs.
Ambient Temperature
Fig. 8 Switching Time vs.
Ambient Temperature
Fig. 9 Switching Time vs.
Ambient Temperature
Fig. 10 Switching Time vs.
Ambient Temperature
Fig. 11 Switching Time vs.
Ambient Temperature
Fig. 12 Switching Time vs.
Base-Emitter Resistance
010
20
30
40
5060
70
80
90
10000
1000
100
10
1
0.1
TA - AMBIENT TEMPERATURE (°C)
TA - AMBIENT TEMPERATURE (°C)
100
120
-40
-20
0
20
40
60
80
100
TA - AMBIENT TEMPERATURE (°C)
120
-40
-20
0
20
40
60
80
100
TA - AMBIENT TEMPERATURE (°C)
120
-20
-40
0
20
40
60
80
100
TA - AMBIENT TEMPERATURE (°C)
BASE-EMITTER RESISTANCE - RBE (kΩ)
-40
-20
0
20
40
60
80
100
120
IF = 0mA
VCE = 10V
10
100
1000
10000
1
10
100
0
5
10
15
20
25
30
tPHL
tPLH
tf
ts
tr
td
IF = 10mA
VCC = 5V
RL = 1K
RBE = 330K
Refer to Figure 13 for switching time circuit
0
5
10
15
20
25
30
tPHL
tPLH
tf
ts
tr
td
IF = 10mA
VCC = 5V
RL = 1K
RBE = 100K
Refer to Figure 13 for switching time circuit
0
4
8
12
16
20
tPHL
tPLH
tf
ts
tr
td
IF = 5mA
VCC = 5V
RL = 1K
RBE = 330K
Refer to Figure 13 for switching time circuit
0
4
8
12
16
20
tPHL
tPLH
tf
ts
tr
td
IF = 5mA
VCC = 5V
RL = 1K
RBE = 100K
Refer to Figure 13 for switching time circuit
t
VCC = 5V
TA = 25°C
tPHL, IF = 3mA, RL = 3.3K
t
t
PLH, I F = 1mA, RL = 10K
tPHL, IF = 1mA, RL = 10K
PHL, I F = 1.6mA, RL = 4.7K
tPLH
IF = 1.6mA
RL = 4.7K
tPLH
IF = 3mA
RL = 3.3K


Similar Part No. - MCT5201M_0810

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MCT5201M FAIRCHILD-MCT5201M Datasheet
290Kb / 12P
   Low Input Current Phototransistor Optocouplers
More results

Similar Description - MCT5201M_0810

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MCT5200 FAIRCHILD-MCT5200 Datasheet
169Kb / 11P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTOCOUPLERS
MCT5201M FAIRCHILD-MCT5201M Datasheet
290Kb / 12P
   Low Input Current Phototransistor Optocouplers
logo
QT Optoelectronics
H11AA1 QT-H11AA1 Datasheet
307Kb / 4P
   AC INPUT/PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AA1-M FAIRCHILD-H11AA1-M_06 Datasheet
510Kb / 9P
   AC Input/Phototransistor Optocouplers
H11AA1 FAIRCHILD-H11AA1 Datasheet
528Kb / 8P
   AC INPUT/PHOTOTRANSISTOR OPTOCOUPLERS
H11AA1M FAIRCHILD-H11AA1M Datasheet
511Kb / 9P
   AC Input/Phototransistor Optocouplers
H11AA4M FAIRCHILD-H11AA4M Datasheet
261Kb / 10P
   AC Input/Phototransistor Optocouplers
H11AA1-M FAIRCHILD-H11AA1-M Datasheet
119Kb / 9P
   AC INPUT/PHOTOTRANSISTOR OPTOCOUPLERS
logo
Diodes Incorporated
MOCD217R2M DIODES-MOCD217R2M Datasheet
2Mb / 10P
   Dual Channel Phototransistor Small Outline Surface Mount Optocouplers (Low Input Current)
logo
Fairchild Semiconductor
MOCD217-M FAIRCHILD-MOCD217-M_05 Datasheet
113Kb / 8P
   DUAL CHANNEL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS (LOW INPUT CURRENT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com