Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCT5201M_0810 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # MCT5201M_0810
Description  Low Input Current Phototransistor Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MCT5201M_0810 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button MCT5201M_0810 Datasheet HTML 2Page - Fairchild Semiconductor MCT5201M_0810 Datasheet HTML 3Page - Fairchild Semiconductor MCT5201M_0810 Datasheet HTML 4Page - Fairchild Semiconductor MCT5201M_0810 Datasheet HTML 5Page - Fairchild Semiconductor MCT5201M_0810 Datasheet HTML 6Page - Fairchild Semiconductor MCT5201M_0810 Datasheet HTML 7Page - Fairchild Semiconductor MCT5201M_0810 Datasheet HTML 8Page - Fairchild Semiconductor MCT5201M_0810 Datasheet HTML 9Page - Fairchild Semiconductor MCT5201M_0810 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
©1983 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MCT5201M, MCT5210M, MCT5211M Rev. 1.1.0
6
Typical Performance Curves
Fig. 1 LED Forward Voltage vs. Forward Current
Fig. 2 Normalized Current Transfer Ratio vs.
Forward Current
Fig. 3 Normalized CTR vs. Temperature
Fig. 4 Normalized Collector vs.
Collector - Emitter Voltage
Fig. 5 Normalized Collector Base Photocurrent
Ratio vs. Forward Current
Fig. 6 Normalized Collector -
Base Current vs. Temperature
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.1
1
10
10
1
0.1
0.01
0.001
0.0001
100
10
1
0.1
0.01
10
1
0.1
0.01
0.001
IF - LED FORWARD CURRENT (mA)
TA - AMBIENT TEMPERATURE (°C)
TA - AMBIENT TEMPERATURE (°C)
IF - FORWARD CURRENT (mA)
VCE - COLLECTOR - EMITTER VOLTAGE (V)
IF - FORWARD CURRENT (mA)
100
0.1
-20
0
20
40
60
-60
-40
-20
0
20
40
60
80
100
0.1
1
10
0.1
1
100
10
110
TA = -40°C
TA = 25°C
TA = 100°C
IF = 2mA
IF = 1mA
IF = 0.5mA
IF = 0.2mA
:
Normalized to:
IF = 5mA
VCE = 5V
TA = 25°C
IF = 0.2 mA
IF = 0.5 mA
IF = 1 mA
IF = 2 mA
IF = 5 mA
IF = 10 mA
Normalized to:
IF = 5mA
VCB = 4.3V
TA = 25°C
Normalized to:
IF = 5mA
VCB = 4.3V
TA = 25°C
IF = 0.2 mA
IF = 0.5 mA
IF = 1 mA
IF = 2 mA
IF = 5 mA
IF = 10 mA
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Normalized to:
IF = 5mA
VCE = 5V
TA = 25°C
-40
-20
100
120
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Normalized to:
IF = 5mA
VCE = 5V
TA = 25°C
IF = 10mA
IF = 5mA


Similar Part No. - MCT5201M_0810

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MCT5201M FAIRCHILD-MCT5201M Datasheet
290Kb / 12P
   Low Input Current Phototransistor Optocouplers
More results

Similar Description - MCT5201M_0810

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MCT5200 FAIRCHILD-MCT5200 Datasheet
169Kb / 11P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTOCOUPLERS
MCT5201M FAIRCHILD-MCT5201M Datasheet
290Kb / 12P
   Low Input Current Phototransistor Optocouplers
logo
QT Optoelectronics
H11AA1 QT-H11AA1 Datasheet
307Kb / 4P
   AC INPUT/PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AA1-M FAIRCHILD-H11AA1-M_06 Datasheet
510Kb / 9P
   AC Input/Phototransistor Optocouplers
H11AA1 FAIRCHILD-H11AA1 Datasheet
528Kb / 8P
   AC INPUT/PHOTOTRANSISTOR OPTOCOUPLERS
H11AA1M FAIRCHILD-H11AA1M Datasheet
511Kb / 9P
   AC Input/Phototransistor Optocouplers
H11AA4M FAIRCHILD-H11AA4M Datasheet
261Kb / 10P
   AC Input/Phototransistor Optocouplers
H11AA1-M FAIRCHILD-H11AA1-M Datasheet
119Kb / 9P
   AC INPUT/PHOTOTRANSISTOR OPTOCOUPLERS
logo
Diodes Incorporated
MOCD217R2M DIODES-MOCD217R2M Datasheet
2Mb / 10P
   Dual Channel Phototransistor Small Outline Surface Mount Optocouplers (Low Input Current)
logo
Fairchild Semiconductor
MOCD217-M FAIRCHILD-MOCD217-M_05 Datasheet
113Kb / 8P
   DUAL CHANNEL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS (LOW INPUT CURRENT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com