Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N7002W Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 2N7002W
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

2N7002W Datasheet(HTML) 1 Page - Fairchild Semiconductor

  2N7002W Datasheet HTML 1Page - Fairchild Semiconductor 2N7002W Datasheet HTML 2Page - Fairchild Semiconductor 2N7002W Datasheet HTML 3Page - Fairchild Semiconductor 2N7002W Datasheet HTML 4Page - Fairchild Semiconductor 2N7002W Datasheet HTML 5Page - Fairchild Semiconductor 2N7002W Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
2N7002W Rev. A
1
October 2007
2N7002W
N-Channel Enhancement Mode Field Effect Transistor
Features
• Low On-Resistance
• Low Gate Threshold Voltage
• Low Input Capacitance
• Fast Switching Speed
• Low Input/Output Leakage
• Ultra-Small Surface Mount Package
• Lead Free/RoHS Compliant
Absolute Maximum Ratings * T
a = 25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of any semiconductor device may by impaired.
Thermal Characteristics
* Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch. Minimun land pad size,
Symbol
Parameter
Value
Units
VDSS
Drain-Source Voltage
60
V
VDGR
Drain-Gate Voltage RGS ≤ 1.0MΩ
60
V
VGSS
Gate-Source Voltage
Continuous
Pulsed
±20
±40
V
ID
Drain Current
Continuous
Continuous @ 100°C
Pulsed
115
73
800
mA
TJ , TSTG
Junction and Storage Temperature Range
-55 to +150
°C
Symbol
Parameter
Value
Units
PD
Total Device Dissipation
Derating above TA = 25°C
200
1.6
mW
mW/
°C
RθJA
Thermal Resistance, Junction to Ambient *
625
°C/W
S
D
G
SOT - 323
Marking : 2N


Similar Part No. - 2N7002W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2N7002W DIODES-2N7002W Datasheet
68Kb / 3P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30099 Rev. 4P-1
logo
Weitron Technology
2N7002W WEITRON-2N7002W Datasheet
104Kb / 4P
N-Channel MOSFET
logo
Diodes Incorporated
2N7002W DIODES-2N7002W Datasheet
81Kb / 3P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30099 Rev. 9 - 2
logo
Pan Jit International I...
2N7002W PANJIT-2N7002W Datasheet
161Kb / 5P
60V N-Channel Enhancement Mode MOSFET
logo
TRANSYS Electronics Lim...
2N7002W TEL-2N7002W Datasheet
112Kb / 1P
Plastic-Encapsulated Transistors
More results

Similar Description - 2N7002W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com