Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N7002W Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 2N7002W
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

2N7002W Datasheet(HTML) 4 Page - Fairchild Semiconductor

  2N7002W Datasheet HTML 1Page - Fairchild Semiconductor 2N7002W Datasheet HTML 2Page - Fairchild Semiconductor 2N7002W Datasheet HTML 3Page - Fairchild Semiconductor 2N7002W Datasheet HTML 4Page - Fairchild Semiconductor 2N7002W Datasheet HTML 5Page - Fairchild Semiconductor 2N7002W Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
2N7002W Rev. A
4
Typical Performance Characteristics
Figure 7. Reverse Drain Current Variation with
Diode Forward Voltage and Temperature
Figure 8. Power Derating
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
-55
oC
V
GS
= 0 V
150
oC
25
oC
V
SD
, Body Diode Forward Voltage [V]
0
25
50
75
100
125
150
175
0
40
80
120
160
200
240
280
T
a
[
oC], AMBIENT TEMPERATURE


Similar Part No. - 2N7002W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2N7002W DIODES-2N7002W Datasheet
68Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30099 Rev. 4P-1
logo
Unisonic Technologies
2N7002W UTC-2N7002W Datasheet
158Kb / 3P
   300mA, 60V N-CHANNEL POWER MOSFET
logo
SHIKUES Electronics
2N7002W SKTECHNOLGY-2N7002W Datasheet
1Mb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Weitron Technology
2N7002W WEITRON-2N7002W Datasheet
104Kb / 4P
   N-Channel MOSFET
logo
Micro Commercial Compon...
2N7002W MCC-2N7002W Datasheet
216Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - 2N7002W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com