Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14502B Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC14502B
Description  Strobed Hex Inverter/Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14502B Datasheet(HTML) 3 Page - Motorola, Inc

  MC14502B Datasheet HTML 1Page - Motorola, Inc MC14502B Datasheet HTML 2Page - Motorola, Inc MC14502B Datasheet HTML 3Page - Motorola, Inc MC14502B Datasheet HTML 4Page - Motorola, Inc MC14502B Datasheet HTML 5Page - Motorola, Inc MC14502B Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MOTOROLA CMOS LOGIC DATA
MC14502B
322
SWITCHING CHARACTERISTICS* (CL = 50 pF, TA = 25_C)
Characteristic
Symbol
VDD
All Types
Unit
Characteristic
Symbol
VDD
Min
Typ #
Max
Unit
Output Rise Time
tTLH
5.0
10
15
100
50
40
200
100
80
ns
Output Fall Time
tTHL
5.0
10
15
40
20
15
80
40
30
ns
Propagation Delay Time Data to Q
tPHL
5.0
10
15
135
55
40
270
110
80
ns
Propagation Delay Time, Inhibit to Q
tPHL
5.0
10
15
335
145
95
670
290
190
ns
Propagation Delay Time Data to Q, Inhibit to Q
tPLH
5.0
10
15
295
130
95
590
260
190
ns
3–State Propagation Delay, Output “1” to High Impedance
tPHZ
5.0
10
15
65
30
25
130
60
50
ns
3–State Propagation Delay, High Impedance to “1” Level
tPZH
5.0
10
15
260
105
80
520
210
160
ns
3–State Propagation Delay, Output “0” to High Impedance
tPLZ
5.0
10
15
150
70
55
300
140
110
ns
3–State Propagation Delay, High Impedance to “0” Level
tPZL
5.0
10
15
160
65
50
320
130
100
ns
* The formulas given are for the typical characteristics only at 25
_C.
#Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
Figure 1. Typical Output Source
Current Test Circuit (IOH)
Figure 2. Typical Output Sink
Current Test Circuit (IOL)
16
+ VDD
DIS
INH
D1
D2
D3
D4
D5
D6
Q1
Q2
Q3
Q4
Q5
Q6
8
VSS
VOH
IOH
Vout
VGS = – VDD
VDS = VOH – VDD
DIS
INH
D1
D2
D3
D4
D5
D6
Q1
Q2
Q3
Q4
Q5
Q6
IOL
VOL
Vout
16
+ VDD
8
VSS
VDS = VOL
VGS = VDD


Similar Part No. - MC14502B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145026 MOTOROLA-MC145026 Datasheet
490Kb / 18P
   Encoder and Decoder Pairs CMOS
logo
Freescale Semiconductor...
MC145026 FREESCALE-MC145026 Datasheet
698Kb / 20P
   Encoder and Decoder Pairs CMOS
MC145026 FREESCALE-MC145026 Datasheet
157Kb / 20P
    Encoder and Decoder Pairs
logo
Motorola, Inc
MC145026D MOTOROLA-MC145026D Datasheet
490Kb / 18P
   Encoder and Decoder Pairs CMOS
logo
LANSDALE Semiconductor ...
MC145026D LANSDALE-MC145026D Datasheet
1Mb / 19P
   Encoder and Decoder Pairs
More results

Similar Description - MC14502B

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL4502B SLS-SL4502B Datasheet
42Kb / 5P
   Strobed Hex Inverter/Buffer
logo
NXP Semiconductors
HEF4502B PHILIPS-HEF4502B Datasheet
41Kb / 4P
   Strobed hex inverter/buffer
January 1995
logo
STMicroelectronics
HCF4502B STMICROELECTRONICS-HCF4502B_02 Datasheet
156Kb / 9P
   STROBED HEX INVERTER/BUFFER
HCC4502B STMICROELECTRONICS-HCC4502B Datasheet
265Kb / 11P
   STROBED HEX INVERTER/BUFFER
logo
Hitachi Semiconductor
HD14502B HITACHI-HD14502B Datasheet
74Kb / 5P
   Strobed Hex Inverter/Buffer
logo
Intersil Corporation
CD4502BMS INTERSIL-CD4502BMS Datasheet
81Kb / 8P
   CMOS Strobed Hex Inverter/Buffer
December 1992
logo
Texas Instruments
CD4502B TI-CD4502B Datasheet
506Kb / 10P
[Old version datasheet]   CMOS Strobed Hex Inverter/Buffer
CD4502B TI1-CD4502B_15 Datasheet
1Mb / 15P
[Old version datasheet]   CMOS Strobed Hex Inverter/Buffer
logo
Integral Corp.
IW4502B INTEGRAL-IW4502B Datasheet
188Kb / 5P
   Strobed Hex Inverter/Buffer High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4502B IKSEMICON-IW4502B Datasheet
211Kb / 6P
   Strobed Hex Inverter/Buffer High-Voltage Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com