Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE612AD Datasheet(PDF) 1 Page - NXP Semiconductors

Part # NE612AD
Description  Double-balanced mixer and oscillator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE612AD Datasheet(HTML) 1 Page - NXP Semiconductors

  NE612AD Datasheet HTML 1Page - NXP Semiconductors NE612AD Datasheet HTML 2Page - NXP Semiconductors NE612AD Datasheet HTML 3Page - NXP Semiconductors NE612AD Datasheet HTML 4Page - NXP Semiconductors NE612AD Datasheet HTML 5Page - NXP Semiconductors NE612AD Datasheet HTML 6Page - NXP Semiconductors NE612AD Datasheet HTML 7Page - NXP Semiconductors NE612AD Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Philips Semiconductors
Product specification
NE/SA612A
Double-balanced mixer and oscillator
1
1990 Sep 17
853-0391 00446
DESCRIPTION
The NE/SA612A is a low-power VHF monolithic double-balanced
mixer with on-board oscillator and voltage regulator. It is intended for
low cost, low power communication systems with signal frequencies
to 500MHz and local oscillator frequencies as high as 200MHz. The
mixer is a “Gilbert cell” multiplier configuration which provides gain
of 14dB or more at 45MHz.
The oscillator can be configured for a crystal, a tuned tank
operation, or as a buffer for an external L.O. Noise figure at 45MHz
is typically below 6dB and makes the device well suited for high
performance cordless phone/cellular radio. The low power
consumption makes the NE/SA612A excellent for battery operated
equipment. Networking and other communications products can
benefit from very low radiated energy levels within systems. The
NE/SA612A is available in an 8-lead dual in-line plastic package and
an 8-lead SO (surface mounted miniature package).
FEATURES
Low current consumption
Low cost
Operation to 500MHz
Low radiated energy
Low external parts count; suitable for crystal/ceramic filter
Excellent sensitivity, gain, and noise figure
PIN CONFIGURATION
D, N Packages
8
7
6
5
1
2
3
4
INPUT A
INPUT B
GND
OUTPUT A
OSCILLATOR
OSCILLATOR
OUTPUT B
VCC
SR00098
Figure 1. Pin Configuration
APPLICATIONS
Cordless telephone
Portable radio
VHF transceivers
RF data links
Sonabuoys
Communications receivers
Broadband LANs
HF and VHF frequency conversion
Cellular radio mixer/oscillator
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
8-Pin Plastic Dual In-Line Plastic (DIP)
0 to +70
°C
NE612AN
SOT97-1
8-Pin Plastic Small Outline (SO) package (Surface-Mount)
0 to +70
°C
NE612AD
SOT96-1
8-Pin Plastic Dual In-Line Plastic (DIP)
-40 to +85
°C
SA612AN
SOT97-1
8-Pin Plastic Small Outline (SO) package (Surface-Mount)
-40 to +85
°C
SA612AD
SOT96-1
BLOCK DIAGRAM
8
7
6
5
4
3
2
1
OSCILLATOR
VOLTAGE
REGULATOR
GROUND
V
CC
SR00099
Figure 2. Block Diagram


Similar Part No. - NE612AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE612 PHILIPS-NE612 Datasheet
110Kb / 12P
   Double-balanced mixer and oscillator
1997 Nov 07
More results

Similar Description - NE612AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA602A PHILIPS-SA602A Datasheet
109Kb / 11P
   Double-balanced mixer and oscillator
1997 Nov 07
SA602A PHILIPS-SA602A_15 Datasheet
1Mb / 19P
   Double-balanced mixer and oscillator
Rev. 3-27 May 2014
NE602A PHILIPS-NE602A Datasheet
379Kb / 8P
   DOUBLE BALANCED MIXER AND OSCILLATOR
April 1990
SA602A NXP-SA602A Datasheet
1Mb / 19P
   Double-balanced mixer and oscillator
Rev. 3-27 May 2014
SA612A PHILIPS-SA612A Datasheet
110Kb / 12P
   Double-balanced mixer and oscillator
1997 Nov 07
SA612A PHILIPS-SA612A_15 Datasheet
1Mb / 19P
   Double-balanced mixer and oscillator
Rev. 3-4 June 2014
logo
NTE Electronics
NTE7164 NTE-NTE7164 Datasheet
64Kb / 2P
   Double−Balanced Mixer & Oscillator
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
   DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
MY63 MACOM-MY63 Datasheet
145Kb / 2P
   DOUBLE-BALANCED MIXER
M9BC MACOM-M9BC Datasheet
167Kb / 2P
   Double-Balanced Mixer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com