Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE612A Datasheet(PDF) 8 Page - NXP Semiconductors

Part # NE612A
Description  Double-balanced mixer and oscillator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE612A Datasheet(HTML) 8 Page - NXP Semiconductors

  NE612A Datasheet HTML 1Page - NXP Semiconductors NE612A Datasheet HTML 2Page - NXP Semiconductors NE612A Datasheet HTML 3Page - NXP Semiconductors NE612A Datasheet HTML 4Page - NXP Semiconductors NE612A Datasheet HTML 5Page - NXP Semiconductors NE612A Datasheet HTML 6Page - NXP Semiconductors NE612A Datasheet HTML 7Page - NXP Semiconductors NE612A Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Philips Semiconductors
Product specification
NE/SA612A
Double-balanced mixer and oscillator
1990 Sep 17
8
3.50
3.25
3.00
2.75
2.50
2.25
2.00
1.75
1.50
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80 90
TEMPERATURE OC
4.5V
6.0V
8.5V
SR00108
Figure 10. ICC vs Supply Voltage
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80
90
20.0
19.5
19.0
18.5
18.0
17.5
17.0
16.5
16.0
15.5
15.0
14.5
14.0
TEMPERATURE OC
4.5V
6.0V
8.5V
SR00109
Figure 11. Conversion Gain vs Supply Voltage
–10.0
–10.5
–11.0
–11.5
–12.0
–12.5
–13.0
–13.5
–14.0
–14.5
–15.0
–15.5
–16.0
–16.5
–17.0
TEMPERATURE OC
–40 –30 –20 –10
0
10
20
30
40
50
60 70
80
90
SR00110
Figure 12. Third-Order Intercept Point
6.00
5.75
5.50
5.25
5.00
4.75
4.50
4.25
4.00
–40 –30 –20 –10
0
10
20
30
40
50
60 70
80 90
TEMPERATURE OC
4.5V
6.0V
8.5V
SR00111
Figure 13. Noise Figure
–80
–60
–40
–20
0
20
20
0
–20
–40
–60
3rd ORDER PRODUCT
FUND. PRODUCT
RF INPUT LEVEL (dBm)
RF1 = 45MHz, IF = 455kHz, RF2 = 45.06MHz
SR00112
Figure 14. Third-Order Intercept and Compression
–10
–11
–12
–13
–14
–15
–16
–17
–18
4
5
6
7
8
9
10
VCC (VOLTS)
SR00113
Figure 15. Input Third-Order Intermod Point vs VCC


Similar Part No. - NE612A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE612 PHILIPS-NE612 Datasheet
110Kb / 12P
   Double-balanced mixer and oscillator
1997 Nov 07
More results

Similar Description - NE612A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA602A PHILIPS-SA602A Datasheet
109Kb / 11P
   Double-balanced mixer and oscillator
1997 Nov 07
SA602A PHILIPS-SA602A_15 Datasheet
1Mb / 19P
   Double-balanced mixer and oscillator
Rev. 3-27 May 2014
NE602A PHILIPS-NE602A Datasheet
379Kb / 8P
   DOUBLE BALANCED MIXER AND OSCILLATOR
April 1990
SA602A NXP-SA602A Datasheet
1Mb / 19P
   Double-balanced mixer and oscillator
Rev. 3-27 May 2014
SA612A PHILIPS-SA612A Datasheet
110Kb / 12P
   Double-balanced mixer and oscillator
1997 Nov 07
SA612A PHILIPS-SA612A_15 Datasheet
1Mb / 19P
   Double-balanced mixer and oscillator
Rev. 3-4 June 2014
logo
NTE Electronics
NTE7164 NTE-NTE7164 Datasheet
64Kb / 2P
   Double−Balanced Mixer & Oscillator
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
   DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
MY63 MACOM-MY63 Datasheet
145Kb / 2P
   DOUBLE-BALANCED MIXER
M9BC MACOM-M9BC Datasheet
167Kb / 2P
   Double-Balanced Mixer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com