Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE612A Datasheet(PDF) 4 Page - NXP Semiconductors

Part # NE612A
Description  Double-balanced mixer and oscillator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE612A Datasheet(HTML) 4 Page - NXP Semiconductors

  NE612A Datasheet HTML 1Page - NXP Semiconductors NE612A Datasheet HTML 2Page - NXP Semiconductors NE612A Datasheet HTML 3Page - NXP Semiconductors NE612A Datasheet HTML 4Page - NXP Semiconductors NE612A Datasheet HTML 5Page - NXP Semiconductors NE612A Datasheet HTML 6Page - NXP Semiconductors NE612A Datasheet HTML 7Page - NXP Semiconductors NE612A Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Philips Semiconductors
Product specification
NE/SA612A
Double-balanced mixer and oscillator
1990 Sep 17
4
Besides excellent low power performance well into VHF, the
NE/SA612A is designed to be flexible. The input, output, and
oscillator ports can support a variety of configurations provided the
designer understands certain constraints, which will be explained
here.
The RF inputs (Pins 1 and 2) are biased internally. They are
symmetrical. The equivalent AC input impedance is approximately
1.5k || 3pF through 50MHz. Pins 1 and 2 can be used
interchangeably, but they should not be DC biased externally. Figure
5 shows three typical input configurations.
The mixer outputs (Pins 4 and 5) are also internally biased. Each
output is connected to the internal positive supply by a 1.5k
resistor. This permits direct output termination yet allows for
balanced output as well. Figure 6 shows three single-ended output
configurations and a balanced output.
The oscillator is capable of sustaining oscillation beyond 200MHz in
crystal or tuned tank configurations. The upper limit of operation is
determined by tank “Q” and required drive levels. The higher the Q
of the tank or the smaller the required drive, the higher the
permissible oscillation frequency. If the required L.O. is beyond
oscillation limits, or the system calls for an external L.O., the
external signal can be injected at Pin 6 through a DC blocking
capacitor. External L.O. should be 200mVP-P minimum to 300mVP-P
maximum.
Figure 7 shows several proven oscillator circuits. Figure 7a is
appropriate for cordless phones/cellular radio. In this circuit a third
overtone parallel-mode crystal with approximately 5pF load
capacitance should be specified. Capacitor C3 and inductor L1 act
as a fundamental trap. In fundamental mode oscillation the trap is
omitted.
Figure 8 shows a Colpitts varacter tuned tank oscillator suitable for
synthesizer-controlled applications. It is important to buffer the
output of this circuit to assure that switching spikes from the first
counter or prescaler do not end up in the oscillator spectrum. The
dual-gate MOSFET provides optimum isolation with low current.
The FET offers good isolation, simplicity, and low current, while the
bipolar circuits provide the simple solution for non-critical
applications. The resistive divider in the emitter-follower circuit
should be chosen to provide the minimum input signal which will
assume correct system operation.
INPUT
612A
1
2
612A
1
2
612A
1
2
a. Single-Ended Tuned Input
b. Balanced Input (For Attenuation
of Second-Order Products)
c. Single-Ended Untuned Input
SR00103
Figure 5. Input Configuration


Similar Part No. - NE612A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE612 PHILIPS-NE612 Datasheet
110Kb / 12P
   Double-balanced mixer and oscillator
1997 Nov 07
More results

Similar Description - NE612A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA602A PHILIPS-SA602A Datasheet
109Kb / 11P
   Double-balanced mixer and oscillator
1997 Nov 07
SA602A PHILIPS-SA602A_15 Datasheet
1Mb / 19P
   Double-balanced mixer and oscillator
Rev. 3-27 May 2014
NE602A PHILIPS-NE602A Datasheet
379Kb / 8P
   DOUBLE BALANCED MIXER AND OSCILLATOR
April 1990
SA602A NXP-SA602A Datasheet
1Mb / 19P
   Double-balanced mixer and oscillator
Rev. 3-27 May 2014
SA612A PHILIPS-SA612A Datasheet
110Kb / 12P
   Double-balanced mixer and oscillator
1997 Nov 07
SA612A PHILIPS-SA612A_15 Datasheet
1Mb / 19P
   Double-balanced mixer and oscillator
Rev. 3-4 June 2014
logo
NTE Electronics
NTE7164 NTE-NTE7164 Datasheet
64Kb / 2P
   Double−Balanced Mixer & Oscillator
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
   DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
MY63 MACOM-MY63 Datasheet
145Kb / 2P
   DOUBLE-BALANCED MIXER
M9BC MACOM-M9BC Datasheet
167Kb / 2P
   Double-Balanced Mixer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com