Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAE81C52 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # SAE81C52
Description  256 x 8-Bit Static CMOS RAM NMOS-Compatible
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAE81C52 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  SAE81C52 Datasheet HTML 1Page - Siemens Semiconductor Group SAE81C52 Datasheet HTML 2Page - Siemens Semiconductor Group SAE81C52 Datasheet HTML 3Page - Siemens Semiconductor Group SAE81C52 Datasheet HTML 4Page - Siemens Semiconductor Group SAE81C52 Datasheet HTML 5Page - Siemens Semiconductor Group SAE81C52 Datasheet HTML 6Page - Siemens Semiconductor Group SAE81C52 Datasheet HTML 7Page - Siemens Semiconductor Group SAE81C52 Datasheet HTML 8Page - Siemens Semiconductor Group SAE81C52 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
The SAE 81C52 is a CMOS-silicon gate, static random access memory (RAM),
organized as 256 words by 8 bits. The multiplexed address and data bus interfaces
directly to 8-bit microprocessors/microcontrollers without any timing or level problems,
e.g. the families SAB 8086, SAB 8051.
All inputs and outputs are fully compatible with NMOS circuits, except CS1. Data
retention is ensured up to
V
DD ≥ 1.0 V. The SAE 81C52 has three different inputs for two
chip select modes which allow to inhibit either the address/data lines (AD 0 … AD 7) and
the control lines (WR, RD, ALE, CS2, CS3), or only the control lines RD, WR.
The power consumption is max. 5.5
µW in standby mode and max. 16.5 mW in
operation. In standby mode, the power consumption will not increase if the control inputs
are on undefined potential.
Type
Ordering Code
Package
SAE 81C52 P
Q67100-H9017
P-DIP-16-1
SAE 81C52 G
Q67100-H9015
P-DSO-20-1 (SMD)
256 x 8-Bit Static CMOS RAM
NMOS-Compatible
Preliminary DataCMOS IC
SAE 81C52
P-DIP-16-1
P-DSO-20-1
PFeatures
q
256 x 8-bit organization
q
Standby mode
q
Compatible with the NMOS and CMOS versions
of the microprocessor/microcontroller families
SAB 8086, SAB 8051
q
Very low power dissipation
q
Data retention up to
V
DD ≥ 1 V
q
Three different chip select inputs for two chip
select modes
q
No increasing power consumption in standby mode
if the control inputs are on undefined potential
q
Temperature range – 40 to 110
°C
Semiconductor Group
1
09.94


Similar Part No. - SAE81C52

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAE81C90 INFINEON-SAE81C90 Datasheet
521Kb / 41P
   Standalone Full-CAN Controller
01.97
SAE81C91 INFINEON-SAE81C91 Datasheet
521Kb / 41P
   Standalone Full-CAN Controller
01.97
More results

Similar Description - SAE81C52

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN1203 PANASONIC-MN1203 Datasheet
229Kb / 4P
   256-bit CMOS static RAM
logo
Catalyst Semiconductor
CAT22C10 CATALYST-CAT22C10_04 Datasheet
508Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
logo
ON Semiconductor
CAT22C10J-30 ONSEMI-CAT22C10J-30 Datasheet
177Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
Doc. No. MD-1082, Rev. R
CAT22C10 ONSEMI-CAT22C10 Datasheet
177Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
Doc. No. MD-1082, Rev. R
CAT22C10LI-20 ONSEMI-CAT22C10LI-20 Datasheet
177Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
Doc. No. MD-1082, Rev. R
logo
Catalyst Semiconductor
CAT22C10 CATALYST-CAT22C10 Datasheet
70Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
logo
NEC
UPD449 NEC-UPD449 Datasheet
182Kb / 4P
   2,048 x 8-BIT STATIC CMOS RAM
UPD4464 NEC-UPD4464 Datasheet
280Kb / 6P
   8,192 X 8 - BIT STATIC CMOS RAM
UPD4364 NEC-UPD4364 Datasheet
307Kb / 6P
   8192 X 8 BIT STATIC CMOS RAM
UPD43256A NEC-UPD43256A Datasheet
360Kb / 9P
   32,768 X 8-BIT STATIC CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com