Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAE81C52 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # SAE81C52
Description  256 x 8-Bit Static CMOS RAM NMOS-Compatible
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAE81C52 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

Back Button SAE81C52 Datasheet HTML 2Page - Siemens Semiconductor Group SAE81C52 Datasheet HTML 3Page - Siemens Semiconductor Group SAE81C52 Datasheet HTML 4Page - Siemens Semiconductor Group SAE81C52 Datasheet HTML 5Page - Siemens Semiconductor Group SAE81C52 Datasheet HTML 6Page - Siemens Semiconductor Group SAE81C52 Datasheet HTML 7Page - Siemens Semiconductor Group SAE81C52 Datasheet HTML 8Page - Siemens Semiconductor Group SAE81C52 Datasheet HTML 9Page - Siemens Semiconductor Group SAE81C52 Datasheet HTML 10Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SAE 81C52
Semiconductor Group
6
Absolute Maximum Ratings
T
A = – 40 to 110 °C
Parameter
Symbol
Limit Values
Unit
Supply voltage referred to GND (
V
SS)
All input and output voltages
V
DD
V
IM
0 to 6
V
SS – 0.3
V
DD + 0.3
V
V
V
Total power dissipation
Power dissipation for each output
P
tot
P
Q
250
50
mW
mW
Junction temperature
Storage temperature
T
j
T
stg
125
– 55 to 125
°C
°C
Thermal resistance
system - air
P-DIP-16-1
P-DSO-20-1
R
th SA
R
th SA
70
95
K/W
K/W
Operating Range
Supply voltage
V
DD
4.5 to 5.5
V
Ambient temperature
T
A
– 40 to 110
°C


Similar Part No. - SAE81C52

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAE81C90 INFINEON-SAE81C90 Datasheet
521Kb / 41P
Standalone Full-CAN Controller
01.97
SAE81C91 INFINEON-SAE81C91 Datasheet
521Kb / 41P
Standalone Full-CAN Controller
01.97
More results

Similar Description - SAE81C52

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN1203 PANASONIC-MN1203 Datasheet
229Kb / 4P
256-bit CMOS static RAM
logo
Catalyst Semiconductor
CAT22C10 CATALYST-CAT22C10_04 Datasheet
508Kb / 10P
256-Bit Nonvolatile CMOS Static RAM
logo
ON Semiconductor
CAT22C10J-30 ONSEMI-CAT22C10J-30 Datasheet
177Kb / 10P
256-Bit Nonvolatile CMOS Static RAM
Doc. No. MD-1082, Rev. R
CAT22C10 ONSEMI-CAT22C10 Datasheet
177Kb / 10P
256-Bit Nonvolatile CMOS Static RAM
Doc. No. MD-1082, Rev. R
CAT22C10LI-20 ONSEMI-CAT22C10LI-20 Datasheet
177Kb / 10P
256-Bit Nonvolatile CMOS Static RAM
Doc. No. MD-1082, Rev. R
logo
Catalyst Semiconductor
CAT22C10 CATALYST-CAT22C10 Datasheet
70Kb / 10P
256-Bit Nonvolatile CMOS Static RAM
logo
NEC
UPD449 NEC-UPD449 Datasheet
182Kb / 4P
2,048 x 8-BIT STATIC CMOS RAM
UPD4464 NEC-UPD4464 Datasheet
280Kb / 6P
8,192 X 8 - BIT STATIC CMOS RAM
UPD4364 NEC-UPD4364 Datasheet
307Kb / 6P
8192 X 8 BIT STATIC CMOS RAM
UPD43256A NEC-UPD43256A Datasheet
360Kb / 9P
32,768 X 8-BIT STATIC CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com