Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6562AN Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6562AN
Description  Transition-mode PFC controller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6562AN Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6562AN Datasheet HTML 13Page - STMicroelectronics L6562AN Datasheet HTML 14Page - STMicroelectronics L6562AN Datasheet HTML 15Page - STMicroelectronics L6562AN Datasheet HTML 16Page - STMicroelectronics L6562AN Datasheet HTML 17Page - STMicroelectronics L6562AN Datasheet HTML 18Page - STMicroelectronics L6562AN Datasheet HTML 19Page - STMicroelectronics L6562AN Datasheet HTML 20Page - STMicroelectronics L6562AN Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
L6562A
Application information
17/26
7.5
Comparison between the L6562A and the L6562
The L6562A is not a direct drop-in replacement of the L6562, even if both have the same
pin-out. One function (Disable) has been relocated.
Table 2 compares the two devices, i.e. those parameters that may result in different values
of the external components. The parameters that have the most significant impact on the
design, i.e. that definitely require external component changes when converting an L6562-
based design to the L6562A, are highlighted in bold.
The lower value (-36%) for the clamp level of the current sense reference voltage allows the
use of a lower sense resistor for the same peak current, with a proportional reduction of the
associated power dissipation. Essentially, the advantage is the reduction of the power
dissipated in a single point (hotspot), which is a considerable benefit in applications where
heat removal is critical, e.g. in adapters enclosed in a sealed plastic case. The lower value
for the Dynamic OVP triggering current allows the use of a higher resistance value (+48%)
for the upper resistor of the divider sensing the output voltage of the PFC stage (keeping the
same overvoltage level) with no significant increase of noise sensitivity. This reduction goes
in favor of standby consumption in applications required to comply with energy saving
regulations.
Table 6. L6562A vs. L6562
Parameter
L6562
L6562A
IC turn-on & turn-off thresholds (typ.)
12/9.5 V
12.5/10 V
Turn-off threshold spread (max.)
±0.8 V
±0.5 V
IC consumption before start-up (max.)
70 uA
60 uA
Multiplier gain (typ.)
0.6
0.38
Current sense reference clamp (typ.)
1.7 V
1.08 V
Current sense propagation delay (delay-to-output) (typ.)
200 ns
175 ns
Dynamic OVP triggering current (typ.)
40 uA
27 uA
ZCD arm/trigger/clamp thresholds (typ.)
2.1/1.4/0.7 V
1.4/0.7/0 V
Enable threshold (typ.)
0.3 V (1)
1.
Function located on pin 5 (ZCD)
0.45 V (2)
2.
Function located on pin 1 (INV)
Gate-driver internal drop (max.)
2.6 V
2.2 V
Leading-edge blanking on current sense
No
Yes
Reference voltage accuracy ( overall)
2.4%
1.8%


Similar Part No. - L6562AN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6562AT STMICROELECTRONICS-L6562AT Datasheet
492Kb / 25P
   Transition-mode PFC controller
L6562ATD STMICROELECTRONICS-L6562ATD Datasheet
492Kb / 25P
   Transition-mode PFC controller
L6562ATDTR STMICROELECTRONICS-L6562ATDTR Datasheet
492Kb / 25P
   Transition-mode PFC controller
L6562ATN STMICROELECTRONICS-L6562ATN Datasheet
492Kb / 25P
   Transition-mode PFC controller
More results

Similar Description - L6562AN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6562AT STMICROELECTRONICS-L6562AT Datasheet
492Kb / 25P
   Transition-mode PFC controller
logo
Texas Instruments
UCC28050 TI-UCC28050 Datasheet
692Kb / 30P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
UCC28050 TI-UCC28050_15 Datasheet
1Mb / 31P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
logo
ADTech
ADT6011 ADTECH-ADT6011 Datasheet
264Kb / 5P
   Transition Mode PFC controller
logo
STMicroelectronics
L6562 STMICROELECTRONICS-L6562 Datasheet
249Kb / 16P
   TRANSITION-MODE PFC CONTROLLER
logo
Texas Instruments
UCC28050 TI1-UCC28050_13 Datasheet
1Mb / 32P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
logo
STMicroelectronics
L6563 STMICROELECTRONICS-L6563_07 Datasheet
720Kb / 39P
   Advanced transition-mode PFC controller
logo
Diodes Incorporated
AL6562A DIODES-AL6562A Datasheet
693Kb / 16P
   Transition Mode PFC LED Controller
AL6562 DIODES-AL6562 Datasheet
800Kb / 16P
   Transition Mode PFC LED Controller
logo
STMicroelectronics
DAP005 STMICROELECTRONICS-DAP005 Datasheet
530Kb / 39P
   Advanced transition-mode PFC controller
February 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com