Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6562A_0708 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6562A_0708
Description  Transition-mode PFC controller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6562A_0708 Datasheet(HTML) 4 Page - STMicroelectronics

  L6562A_0708 Datasheet HTML 1Page - STMicroelectronics L6562A_0708 Datasheet HTML 2Page - STMicroelectronics L6562A_0708 Datasheet HTML 3Page - STMicroelectronics L6562A_0708 Datasheet HTML 4Page - STMicroelectronics L6562A_0708 Datasheet HTML 5Page - STMicroelectronics L6562A_0708 Datasheet HTML 6Page - STMicroelectronics L6562A_0708 Datasheet HTML 7Page - STMicroelectronics L6562A_0708 Datasheet HTML 8Page - STMicroelectronics L6562A_0708 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Pin settings
L6562A
4/26
2
Pin settings
2.1
Pin connection
Figure 2.
Pin connection (top view)
2.2
Pin description
ZCD
INV
COMP
MULT
CS
Vcc
GD
GND
1
2
3
4
8
7
6
5
Table 2. Pin description
Pin N°
Name
Description
1INV
Inverting input of the error amplifier. The information on the output voltage of
the PFC pre-regulator is fed into this pin through a resistor divider. The pin
doubles as an ON/OFF control input.
2COMP
Output of the error amplifier. A compensation network is placed between this
pin and INV to achieve stability of the voltage control loop and ensure high
power factor and low THD.
3MULT
Main input to the multiplier. This pin is connected to the rectified mains
voltage via a resistor divider and provides the sinusoidal reference to the
current loop.
4CS
Input to the PWM comparator. The current flowing in the MOSFET is sensed
through a resistor, the resulting voltage is applied to this pin and compared
with an internal sinusoidal-shaped reference, generated by the multiplier, to
determine MOSFET’s turn-off. The pin is equipped with 200 ns leading-edge
blanking for improved noise immunity.
5ZCD
Boost inductor’s demagnetization sensing input for transition-mode
operation. A negative-going edge triggers MOSFET’s turn-on.
6
GND
Ground. Current return for both the signal part of the IC and the gate driver.
7GD
Gate driver output. The totem pole output stage is able to drive power
MOSFET’s and IGBT’s with a peak current of 600 mA source and 800 mA
sink. The high-level voltage of this pin is clamped at about 12V to avoid
excessive gate voltages in case the pin is supplied with a high Vcc.
8Vcc
Supply Voltage of both the signal part of the IC and the gate driver. The
supply voltage upper limit is extended to 22V min. to provide more headroom
for supply voltage changes.


Similar Part No. - L6562A_0708

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6562AT STMICROELECTRONICS-L6562AT Datasheet
492Kb / 25P
Transition-mode PFC controller
L6562ATD STMICROELECTRONICS-L6562ATD Datasheet
492Kb / 25P
Transition-mode PFC controller
L6562ATDTR STMICROELECTRONICS-L6562ATDTR Datasheet
492Kb / 25P
Transition-mode PFC controller
L6562ATN STMICROELECTRONICS-L6562ATN Datasheet
492Kb / 25P
Transition-mode PFC controller
More results

Similar Description - L6562A_0708

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6562AT STMICROELECTRONICS-L6562AT Datasheet
492Kb / 25P
Transition-mode PFC controller
logo
Texas Instruments
UCC28050 TI-UCC28050 Datasheet
692Kb / 30P
TRANSITION MODE PFC CONTROLLER
UCC28050 TI-UCC28050_15 Datasheet
1Mb / 31P
TRANSITION MODE PFC CONTROLLER
logo
ADTech
ADT6011 ADTECH-ADT6011 Datasheet
264Kb / 5P
Transition Mode PFC controller
logo
STMicroelectronics
L6562 STMICROELECTRONICS-L6562 Datasheet
249Kb / 16P
TRANSITION-MODE PFC CONTROLLER
logo
Texas Instruments
UCC28050 TI1-UCC28050_13 Datasheet
1Mb / 32P
TRANSITION MODE PFC CONTROLLER
logo
STMicroelectronics
L6563 STMICROELECTRONICS-L6563_07 Datasheet
720Kb / 39P
Advanced transition-mode PFC controller
logo
Diodes Incorporated
AL6562A DIODES-AL6562A Datasheet
693Kb / 16P
Transition Mode PFC LED Controller
AL6562 DIODES-AL6562 Datasheet
800Kb / 16P
Transition Mode PFC LED Controller
logo
STMicroelectronics
DAP005 STMICROELECTRONICS-DAP005 Datasheet
530Kb / 39P
Advanced transition-mode PFC controller
February 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com