Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6562A_0708 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6562A_0708
Description  Transition-mode PFC controller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6562A_0708 Datasheet(HTML) 3 Page - STMicroelectronics

  L6562A_0708 Datasheet HTML 1Page - STMicroelectronics L6562A_0708 Datasheet HTML 2Page - STMicroelectronics L6562A_0708 Datasheet HTML 3Page - STMicroelectronics L6562A_0708 Datasheet HTML 4Page - STMicroelectronics L6562A_0708 Datasheet HTML 5Page - STMicroelectronics L6562A_0708 Datasheet HTML 6Page - STMicroelectronics L6562A_0708 Datasheet HTML 7Page - STMicroelectronics L6562A_0708 Datasheet HTML 8Page - STMicroelectronics L6562A_0708 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
L6562A
Description
3/26
1
Description
The L6562A is a current-mode PFC controller operating in Transition Mode (TM). Coming
with the same pin-out as its predecessors L6561 and L6562, it offers improved performance.
The highly linear multiplier includes a special circuit, able to reduce AC input current
distortion, that allows wide-range-mains operation with an extremely low THD, even over a
large load range.
The output voltage is controlled by means of a voltage-mode error amplifier and an accurate
(1% @TJ = 25°C) internal voltage reference.
The device features extremely low consumption (60µA max. before start-up and <5 mA
operating) and includes a disable function suitable for IC remote ON/OFF, which makes it
easier to comply with energy saving requirements (Blue Angel, EnergyStar, Energy2000,
etc.).
An effective two-step OVP enables to safely handle overvoltages either occurring at start-up
or resulting from load disconnection.
The totem-pole output stage, capable of 600 mA source and 800 mA sink current, is suitable
to drive high current MOSFETs or IGBTs. This, combined with the other features and the
possibility to operate with the proprietary Fixed-Off-Time control, makes the device an
excellent low-cost solution for EN61000-3-2 compliant SMPS in excess of 350W.


Similar Part No. - L6562A_0708

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6562AT STMICROELECTRONICS-L6562AT Datasheet
492Kb / 25P
   Transition-mode PFC controller
L6562ATD STMICROELECTRONICS-L6562ATD Datasheet
492Kb / 25P
   Transition-mode PFC controller
L6562ATDTR STMICROELECTRONICS-L6562ATDTR Datasheet
492Kb / 25P
   Transition-mode PFC controller
L6562ATN STMICROELECTRONICS-L6562ATN Datasheet
492Kb / 25P
   Transition-mode PFC controller
More results

Similar Description - L6562A_0708

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6562AT STMICROELECTRONICS-L6562AT Datasheet
492Kb / 25P
   Transition-mode PFC controller
logo
Texas Instruments
UCC28050 TI-UCC28050 Datasheet
692Kb / 30P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
UCC28050 TI-UCC28050_15 Datasheet
1Mb / 31P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
logo
ADTech
ADT6011 ADTECH-ADT6011 Datasheet
264Kb / 5P
   Transition Mode PFC controller
logo
STMicroelectronics
L6562 STMICROELECTRONICS-L6562 Datasheet
249Kb / 16P
   TRANSITION-MODE PFC CONTROLLER
logo
Texas Instruments
UCC28050 TI1-UCC28050_13 Datasheet
1Mb / 32P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
logo
STMicroelectronics
L6563 STMICROELECTRONICS-L6563_07 Datasheet
720Kb / 39P
   Advanced transition-mode PFC controller
logo
Diodes Incorporated
AL6562A DIODES-AL6562A Datasheet
693Kb / 16P
   Transition Mode PFC LED Controller
AL6562 DIODES-AL6562 Datasheet
800Kb / 16P
   Transition Mode PFC LED Controller
logo
STMicroelectronics
DAP005 STMICROELECTRONICS-DAP005 Datasheet
530Kb / 39P
   Advanced transition-mode PFC controller
February 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com